Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94228 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS94228
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94228 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS94228 Datasheet HTML 1Page - Integrated Circuit Systems ICS94228 Datasheet HTML 2Page - Integrated Circuit Systems ICS94228 Datasheet HTML 3Page - Integrated Circuit Systems ICS94228 Datasheet HTML 4Page - Integrated Circuit Systems ICS94228 Datasheet HTML 5Page - Integrated Circuit Systems ICS94228 Datasheet HTML 6Page - Integrated Circuit Systems ICS94228 Datasheet HTML 7Page - Integrated Circuit Systems ICS94228 Datasheet HTML 8Page - Integrated Circuit Systems ICS94228 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
ICS94228
0447E—05/07/04
General Description
The ICS94228 is a main clock synthesizer chip for AMD-K7 based systems with VIA style chipset. This provides all
clocks required for such a system.
The ICS94228 belongs to ICS new generation of programmable system clock generators.
It employs serial
programming I
2C interface as a vehicle for changing output functions, changing output frequency, configuring output
strength, configuring output to output skew, changing spread spectrum amount, changing group divider ratio and dis/
enabling individual clocks.
This device also has ICS propriety 'Watchdog Timer' technology which will reset the
frequency to a safe setting if the system become unstable from over clocking.
SRESET# Signal Description
The SRESET# signal from ICS94228 system clock generator is a real time active low pulse that can be used to reset
the system.
The Open-Drain Nch output Reset# pin needs to be tied to the system reset line which has a pull-up resistor. When
activated, the SRESET# output will be driven to a low with a 32ms pulse width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com