Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94228 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS94228
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94228 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS94228 Datasheet HTML 7Page - Integrated Circuit Systems ICS94228 Datasheet HTML 8Page - Integrated Circuit Systems ICS94228 Datasheet HTML 9Page - Integrated Circuit Systems ICS94228 Datasheet HTML 10Page - Integrated Circuit Systems ICS94228 Datasheet HTML 11Page - Integrated Circuit Systems ICS94228 Datasheet HTML 12Page - Integrated Circuit Systems ICS94228 Datasheet HTML 13Page - Integrated Circuit Systems ICS94228 Datasheet HTML 14Page - Integrated Circuit Systems ICS94228 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
ICS94228
0447E—05/07/04
Electrical Characteristics - REF
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.4
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.3
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.4
4
ns
Duty Cycle
1
dt5
VT = 1.5V
45
54
57
%
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPUCLK (Open Drain)
TA = 0 - 70°C; VDD = 3.3 V +/-5%; VDDL=2.5V+/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
MIN
TYP
UNITS
Output Impedance
ZO
W
V
V
Output Low Current
IOL2B
18
mA
Rise Time
1, CPUCLK
tr2B
2.2
ns
Fall Time
1, CPUCLK
tf2B
1.3
ns
Duty Cycle
1
dt2B
45
50
%
Skew
1
tsk2B
140
Jitter, Cycle-to-cycle
1,
CPUCLK
tjcyc-cyc2B
150
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
2 - VDIF specifies the minimum input differential voltages (VTR-VCP) required for switching, where VTR is the "tr
3 - Vpullup(external) = 2.7V, Min = Vpullup(external)/2-150mV; Max=(Vpullup(external)/2)+150mV
Differential Crossover
Voltage
1
CPUCLK(Open Drain)
VX
Note 3
1.2
0.4
0.2
VOL = 0.3V
VOL = 20%, VOH = 80%
VOH = 80%, VOL=20%
VT = 50%
VT = 50%
VT = VX
200
250
55
V
Vpullup(external)
+ 0.6
V
1.7
V
1.4
Vpullup(external)
+ 0.6
2.0
2.5
Output Low Voltage
Differential voltage-DC
1
VDIF
Note 2
Vpull-up(external)
Differential voltage-AC
1
VDIF
Note 2
Termination to
MAX
1
VOL2B
Vpull-up(external)
1.2
0.4
Output High Voltage
VOH2B
CONDITIONS
VO = VX
Termination to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com