Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94228 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94228
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94228 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94228 Datasheet HTML 1Page - Integrated Circuit Systems ICS94228 Datasheet HTML 2Page - Integrated Circuit Systems ICS94228 Datasheet HTML 3Page - Integrated Circuit Systems ICS94228 Datasheet HTML 4Page - Integrated Circuit Systems ICS94228 Datasheet HTML 5Page - Integrated Circuit Systems ICS94228 Datasheet HTML 6Page - Integrated Circuit Systems ICS94228 Datasheet HTML 7Page - Integrated Circuit Systems ICS94228 Datasheet HTML 8Page - Integrated Circuit Systems ICS94228 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS94228
0447E—05/07/04
Block Diagram
Functionality
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
VIA KT266 style chipset
Output Features:
•
1 - Differential pair open drain CPU clocks @ 2.7V
•
1 - Differential pair push-pull CPU clocks @ 2.5V
•
11 - PCI including 1 free running and 1 early @ 3.3V
•
1 - 48MHz, @ 3.3V fixed
•
1 - 24/48MHz @ 3.3V
•
3 - REF @ 3.3V, 14.318MHz.
Features:
•
Programmable output frequency.
•
Programmable output rise/fall time.
•
Programmable slew and skew control for CPUCLK,
PCICLK, AGP, REF, 48MHz and 24_48MHz.
•
Real time system reset output.
•
Spread spectrum for EMI control typically
by 7dB to 8dB, with programmable spread
percentage.
•
Watchdog timer technology to reset system
if over-clocking causes malfunction.
•
Uses external 14.318MHz crystal.
Skew Specifications:
•
CPU - CPU: <200ps
•
PCI - PCI: <500ps
•
CPU (early - PCI: min=1.0ns, max=2.6ns
•
CPU cycle to cycle jitter: <250ps
Programmable System Clock Chip for AMD - K7™ processor
* Internal Pull-up Resistor of 120K to VDD
SEL24_48#
PLL2
PLL1
Spread
Spectrum
48MHz (1:0)
24_48MHz
PCICLK (8:0)
AGP (2:0)
PCICLK_F
REF_F
PCICLK9_E
SRESET#
3
9
2
2
X1
X2
XTAL
OSC
CPU
DIVDER
CPU
DIVDER
PCI
DIVDER
AGP
DIVDER
Stop
Stop
Stop
Stop
SDATA
SCLK
FS (3:0)
PD#
PCI_STOP#
CPU_STOP#
AGP_STOP#
REF_STOP#
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
CPUCLKT0
CPUCLKC0
CPUCLK_CST0
CPUCLK_CSC0
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
P
G
A
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
0000
3
3
.
3
3
28
7
.
7
78
8
.
8
3
000
1
0
0
.
0
2
23
3
.
3
77
6
.
6
3
00
1
0
0
0
.
0
1
20
0
.
0
70
0
.
5
3
00
11
0
0
.
0
0
27
6
.
6
63
3
.
3
3
01
0
0
0
0
.
0
9
10
0
.
6
70
0
.
8
3
01
01
0
0
.
0
8
10
0
.
2
70
0
.
6
3
01
1
0
0
0
.
0
7
10
0
.
8
60
0
.
4
3
0
111
0
0
.
0
5
10
0
.
5
70
5
.
7
3
1
000
0
0
.
0
4
10
0
.
0
70
0
.
5
3
10
0
1
0
0
.
0
2
10
0
.
0
60
0
.
0
3
10
10
0
0
.
0
1
10
0
.
6
60
0
.
3
3
10
1
1
7
6
.
6
67
6
.
6
63
3
.
3
3
11
00
0
0
.
0
0
27
6
.
6
63
3
.
3
3
11
0
1
7
6
.
6
6
17
6
.
6
63
3
.
3
3
111
0
0
0
.
0
0
17
6
.
6
63
3
.
3
3
1111
3
3
.
3
3
17
6
.
6
63
3
.
3
3
VDDREF
GND
X1
X2
AVDD48
*FS2/48MHz
*FS3/24_48MHz
GND
PCICLK_F
*SEL24_48#/PCICLK0
PCICLK1
GND
PCICLK2
PCICLK3
VDDPCI
PCICLK4
PCICLK5
PCICLK6
GND
PCICLK7
PCILCK8
PCICLK9_E
VDDPCI
SRESET#
REF0/
REF1/FS1*
REF_F
REF_STOP#*
AGP_STOP#*
GND
CPUCLKT0
CPUCLKC0
VDDL
CPUCLK_CST0
CPUCLK_CSC0
GND
CPU_STOP#*
PCI_STOP#*
PD#*
AVDD
AGND
SDATA
SCLK
GND
AGP2
AGP1
AGP0
VDDAGP
FS0*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS94228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
AMD-K7TM System Clock Chip
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS94229YF-T ICST-ICS94229YF-T Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
More results

Similar Description - ICS94228

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-141 ICST-ICS9248-141 Datasheet
155Kb / 14P
AMD - K7??System Clock Chip
Rev B 01/18/01
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
ICS94215 ICST-ICS94215 Datasheet
146Kb / 18P
Programmable System Clock Chip for AMD - K7??Processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS94235 ICST-ICS94235 Datasheet
757Kb / 19P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
Rev A 01/17/02
ICS94236 ICST-ICS94236 Datasheet
388Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com