Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 7 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 7 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
W.FL Series
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
80
100
120
140
160
180
200
220
240
260
[ç]
Preheat
(130 to 180ç)
230ç
220ç
50 seconds max.
120 seconds max.
60 seconds max.
Time
250 ç max. for
10 seconds
W.FL Cable
Assembly
W.FL-R-SMT-1
W.FL-LP-N plug extraction tool
W.FL
Cable Assembly
2N max
W.FL-R-SMT-1
Receptacle
Plug pickup
qw
e
r
t
Insertion to a receptacle Removal of the tool
BPrecautions
1. Plug
(1) Mating / unmating
• Unmating
Insert both ends of the extraction tool under the plug (from the direction opposite to the
Cable termination), as shown and pull-up in the direction perpendicular to the mounting
surface of the receptacle.
●Recomended the use of the extraction tool for unmating.
Any attempt of unmating by pulling on the cable may result in
damage and affect the mechanical / electrical performance.
• Mating
qAlign the mating tool W.FL-LP-IN or the mating end
of the tool over the plug end of the cable assembly.
wFirmly place the tool over the plug until it is secured
in the tool.
ePlace the plug cable assembly (held in the tool)over
the corresponding receptacle.
rAssuring that the plug and receptacle are aligned
press-down perpendicular to the mounting surface
until both connectors are fully mated.
tRemove the mating tool by carefully pulling it
up.Removal of the tool.
(2) Pull forces on the
cable after connectors
are mated
After the connectors are mating, do not apply a load to
the cable in excess of the values indicated in the
diagram.
(3) Precautions
Do not twist connectors excessively during mating / unmating.
2. Receptacle
(1) Recommended reflow
temperature profile
qThe temperature of the printed circuit board surface temperature at the points of contact with the terminals.
wReflow soldering should be performed at a printed circuit surface temperature of 250°C max.
eIn individual applications the actual temperature may vary, depending on the solder paste type, volume /
thickness and board size / thickness. Consuly your solder paste and equipment manufacturer for specific
recommendations.
(2) Recommended metal
mask thickness
0.1 mm to 0.12 mm
(3) Reflow cycles
2 times
3. Operating environment and storage conditions
(1) Operating
environment
The connectors are not designed to operate in the following environments:
• Exposed to a excessive amounts of fine particles and dust
• Regions and places having a high density of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other corrosive gasses.
• Environments having large rapid variations in temperature.
(2) Storage conditions -
Receptacle
Store in the Hirose Electric packaging.
Temperature: -10 to +40ç, Humidity: 85% max.
Use within 6 months of delivery.
Receptacles for which the storage period has elapsed must be tested for solderability to the PC board
mounting surface.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com