Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 2 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
W.FL Series
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
Note1: Measurement way of a W.FL Cable assembly (plug)
W.FL Cable assembly (plug) is measured with SMA conversion
adapters mated with W.FL plugs at both ends of a 100cm coaxial
cable harness
Note2: Measurement way of a W.FL receptacle
W.FL receptacle, which is mounted on a 50 ohms glass epoxy board,
is measured with a SMA conversion adapter.
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
■Specifications
Rating
Nominal characteristic impedance
50 ohms
Operating temperature range
-40°C to +90°C
(90% RH max.)
Frequency range
DC to 6 GHz
Storage temperature range
-30°C to +70°C
(90% RH max.)
Item
Specification
Conditions
1. Contact resistance
Center contact: 20m ohms max.
Outer contact: 10m ohms max.
10mA max.
2. Insulation resistance
500M ohms min.
100V DC
3. Withstanding voltage
No flashover or insulation breakdown
200V AC / 1 minute
4. V.S.W.R.*
1.3 Max.
1.4 Max.
Up to 3 GHz
3 to 6 GHz
*V.S.W.R. Measurement System
Measured as shown on the block diagram below.
■Materials
●Plug – right angle
Part
Material
Finish / Remarks
Shell
Phosphor bronze
Silver plated
Female center contact
Phosphor bronze
Gold plated
Insulator
PBT
Color: Black, UL94V-0(040)
Color: Gray, UL94V HB(040HF, 062HF)
●Receptacle
Part
Material
Finish / Remarks
Shell
Phosphor bronze
Silver plated
Insulator
LCP
Color: Black, UL94V-0
Male center contact
Brass
Gold plated
■Cable Assembly(Plug)
W.FL-LP-040(06), W.FL-LP-040HF(06) (Applicable cable: outer diameter 0.81)
2.85
W.FL-LP-062HF(06) (Applicable cable: outer diameter 1.0)
[Plugs can be ordered only as terminated cable assemblies.]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com