Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 1 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
W.FL Series
Ultra Small Surface Mount Coaxial Connectors
1.4mm or 1.65mm Mated Height
2014.11
e
Features
1. Nominal mated height of 1.4 mm or 1.65mm
(Max. 1.55 or 1.85mm)(Fig.2)
2. Small board footprint
The W.FL Series is about 55% smaller than our
U.FL Series connector and only uses 3.4mm2 of
PCB space. The PCB layout for the W.FL Series is
the same as for W.FL2 and X.FL Series.
Note:This product is not compatible with W.FL2
Series and X.FL Series.(Fig.1)
3. Extremely light weight
Receptacle:
5.6 mg
Right-angle plug: 18.6 mg(040), 28.2mg(062)
4. Frequency range up to 6 GHz
DC to 3 GHz : V.S.W.R. of 1.3 max.
3 GHz to 6 GHz: V.S.W.R. of 1.4 max.
5. Automatic board placement
Packaged on tape-and-reel the receptacles can be
placed with vacuum nozzles of the automatic
placement equipment.
6. Plugs are terminated with ultra-fine
coaxial (fluorinated resin insulated)
cable
The use of ultra-fine coaxial(fluorinated resin
insulated) cables on these connectors offer the
ability to complete connections in small, confined
spaces with a smooth, easy operation.
7. Simple connector mating / unmating
Use of the available mating/un-mating tools
assures correct connection/disconnection of the
plug and receptacle.
8. Halogen-free*(Receptacle, Plug(HF type))
*As defined by IEC61249-2-21
Br-900ppm maximum, Cl-900 ppm maximum,
Cl+Br combined-1,500 ppm maximum
Applications
Mobile phones, wireless communication devices,
electronic measuring instruments, GPS, wireless LAN,
Bluetooth and any application requiring high frequency
transmission using small coaxial connectors.
2.85
3.65
W.FL-LP-040
W.FL-LP-040HF
W.FL-LP(G)-062HF
W. FL Plug and Receptacle
Mated height comparison
Occupied Mounting Area
W.FL Series
U.FL Series
Fig.2
Fig.1
Fig.3


Similar Part No. - W.FL-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
417Kb / 6P
Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
190Kb / 6P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results

Similar Description - W.FL-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com