Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 3 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 3 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
W.FL Series
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
BHow to Specify Cable Assembly
Ordering Information
Double-Ended
W.FL --2LP HF6--04N
TV-- A -- L
L(mm)
[Double-ended cable assembly]
L(mm)
[Single-ended cable assembly]
Ordering Information
Used plug:W.FL-LP-040(06), W.FL-LP-040HF(06) (Dia. 0.81)
Single-Ended
W.FL -- LP HF6--04N
TV-- A -- L
Used plug:W.FL-LP(G)-062HF(06) (Dia. 1)
q
q
w
w
e
e
r
r
t
t
y
y
u
u
q Series name
W.FL
w Assembly type
LP
: Single ended
2 L P : Double ended
e Environmental compliant HF6 : Halogen-free
6
: RoHS compliant
r Cable type
04N : 0.81mm dia. ultra-fine coaxial cable
t Cable Color
1
: White
2
: Black
y Cable outer conductor
TV
: Tin plated braided wire
u Total length(mm)
Length(L)
Double-Ended
W.FL --2LPG HF --062N
D -- A -- L
Single-Ended
W.FL -- LPG HF --062N
D -- A -- L
q
q
w
w
e
e
r
r
t
t
y
y
u
u
q Series name
W.FL
w Assembly type
LPG : Single ended
2LPG: Double ended
e Environmental compliant HF : Halogen-free
r Cable type
062N: 1.0mm dia. ultra-fine coaxial cable
t Cable Color
1
: Gray
2
: Black
3
: White
y Cable outer conductor
D
: Copper tape + Outer tin plated braided wire
u Total length(mm)
Length(L)
Standard tolerances for (L)
(L)mm
Standard tolerance(mm)
*L=35 to 200
±4
1L=200 to 500
±8
1L=500 to 1000
±12
L=Longer than 1000
±1.5% of (L)
Note: Minimum available length(L) is 35mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com