Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201CHA390JSLE Datasheet(PDF) 6 Page - Hongfa Technology

Part # 201CHA390JSLE
Description  GaN Hybrid Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

201CHA390JSLE Datasheet(HTML) 6 Page - Hongfa Technology

  201CHA390JSLE Datasheet HTML 1Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 2Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 3Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 4Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 5Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 6Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 7Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GaN Hybrid Power Amplifier
HT0808-15A
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
6 / 8
Version 1.0
Package Dimensions (Type: NP-1EL)
* Unit: mm[inch] | Tolerance: ±0.15[.006]
▲ Top View
▲ Side View
▲ Bottom View
Pin Description
Pin No
Function
Pin No
Function
Pin No
Function
Pin No
Function
1
RF Input
4
Vgs1
8
GND
11
GND
2
GND
5
Vds
9
GND
12
GND
3
GND
6
Vgs2
10
RF Output
13
GND
-
-
7
Vds
-
-
14
GND
Recommended Pattern
Recommended Mounting Configuration
* Mounting Configuration Notes
1. For the proper performance of the device, Ground / Thermal via holes must be designed to remove heat.
2. To properly use heatsink, ensure the ground/thermal via hole region to contact the heatsink. We recommend the mounting screws
be added near the heatsink to mount the board
3. In designing the necessary RF trace, width will depend upon the PCB material and construction.
4. Use 1 oz. Copper minimum thickness for the heatsink.
5. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink
6. We recommend adding as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com