Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201CHA390JSLE Datasheet(PDF) 8 Page - Hongfa Technology

Part # 201CHA390JSLE
Description  GaN Hybrid Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

201CHA390JSLE Datasheet(HTML) 8 Page - Hongfa Technology

  201CHA390JSLE Datasheet HTML 1Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 2Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 3Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 4Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 5Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 6Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 7Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
GaN Hybrid Power Amplifier
HT0808-15A
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
8 / 8
Version 1.0
Reflow Profile
* Reflow oven settings
Zone
A
B
C
D
E
F
Temperature(°C)
30 ~ 150 ℃
150 ~ 180 ℃
180 ~ 220 ℃
220 ~ 220 ℃
235 ~ 240 ℃
2 ~ 6 ℃/ Sec Drop
Belt speed
55 ~ 115 sec
55 ~ 75 sec
30 ~ 50 sec
30 ~ 50 sec
5 ~ 10 sec
60 ~ 90 sec
Reflow Cycle Limit= 1time
* Measured reflow profile
Ordering Information
Part Number
Package Design
HT0808-15A
-R (Reel)
-B (Bulk)
-EVB (Evaluation Board)
Revision History
Part Number
Release Date
Version
Modification
Data Sheet Status
HT0808-15A
2013.04.19
1.0
Electrical Specification (1p)
-
HT0808-15A
2013.04.11
0.6
Application Circuit
Package Dimensions
Reflow profile
Preliminary
HT0808-15A
2012.12.27
0.5
Changed Case Temperature
Preliminary
RFHIC Corporation reserves the right to make changes to any products herein or to discontinue any product at any time without notice. While product specifications have been thoroughly
examined for reliability, RFHIC Corporation strongly recommends buyers to verify that the information they are using is accurate before ordering. RFHIC Corporation does not assume
any liability for the suitability of its products for any particular purpose, and disclaims any and all liability , including without limitation consequential or incidental damages.
RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or
sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC Corporation and its directors, officers, stockholders, employees,
representatives and distributors harmless against any and all claims arising out of such unauthorized use.
Sales, inquiries and support should be directed to the local authorized geographic distributor for RFHIC Corporation. For customers in the US, p lease contact the US Sales Team at 919-
677-8780. For all other inquiries, please contact the International Sales Team at 82-31-8069-3036.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com