Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201CHA390JSLE Datasheet(PDF) 4 Page - Hongfa Technology

Part # 201CHA390JSLE
Description  GaN Hybrid Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

201CHA390JSLE Datasheet(HTML) 4 Page - Hongfa Technology

  201CHA390JSLE Datasheet HTML 1Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 2Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 3Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 4Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 5Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 6Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 7Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GaN Hybrid Power Amplifier
HT0808-15A
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 8
Version 1.0
Performance Charts
* Bias condition @ Idq1= 50mA, Idq2= 105mA, Ta=25℃
Power Gain vs. Frequency
Psat vs. Frequency
33
34
35
36
37
38
865
870
875
880
885
890
895
Frequency[MHz]
Power Gain
@Pout=33dBm
39
40
41
42
43
44
865
870
875
880
885
890
895
Frequency[MHz]
Vds=28V
Vds=30V
ACLR vs. Frequency
Efficiency vs. Frequency
-35
-33
-31
-29
-27
-25
865
870
875
880
885
890
895
Frequency[MHz]
ACLR_L
@Pout=33dBm
ACLR_U
@Pout=33dBm
22
23
24
25
26
27
865
870
875
880
885
890
895
Frequency[MHz]
Drain Efficiency
@Pout=33dBm
Ids1 vs. Ids2 vs. Frequency
Total Ids vs. Frequency
200
210
220
230
240
250
30
40
50
60
70
80
865
870
875
880
885
890
895
Frequency[MHz]
Ids1
Ids2
250
260
270
280
290
300
865
870
875
880
885
890
895
Frequency[MHz]
Total Ids
@Pout=33dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com