Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201CHA390JSLE Datasheet(PDF) 1 Page - Hongfa Technology

Part # 201CHA390JSLE
Description  GaN Hybrid Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

201CHA390JSLE Datasheet(HTML) 1 Page - Hongfa Technology

  201CHA390JSLE Datasheet HTML 1Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 2Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 3Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 4Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 5Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 6Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 7Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GaN Hybrid Power Amplifier
HT0808-15A
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 8
Version 1.0
Product Features
Applications
• GaN on SiC HEMT
• 2-Stage Amplifier 50ohms Matching
• Surface Mount Hybrid Type
• Small Size & Mass
• High Efficiency
• RF Sub-Systems
• Base Station
• Repeater
• 4G/LTE system
• Small cell
Description
The HT0808-15A is designed for LTE Repeater & RF Sub-systems application frequencies from 869 ~ 894MHz
This amplifier uses GaN HEMT technology which performs high breakdown voltage, high efficiency. High In/Output impedance,
High power density.
Electrical Specifications @ Vds =28V, Ta=25℃
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Frequency Range
MHz
869
-
894
ZS = ZL = 50 ohm
Power Gain
dB
34
37
39
Amp : Idq1 = 50mA
Idq2 = 105mA
Gain Flatness
-
0.6
-
Input Return Loss
-
-10
-6.0
Pout @ Average
dBm
-
33
-
Pout @ Psat
dBm
40.8
41.5
-
Pulse Width=50us, 10%Duty
ACLR @ BW 10MHz
LTE (PAPR 7.5dB)
dBc
-
-32
-27
Non DPD
-
-53
-
With DPD
Drain Efficiency
%
23
26
-
Pout @ Average
Total Ids
mA
-
280
-
Supply Voltage
V
-
-3.0
-2.0
Gate Bias (
Vgs1 and Vgs2)
V
-
28
-
Main Bias(Vds)
Caution
The drain voltage must be supplied to the device after the gate voltage is supplied
Turn on : Turn on the Gate Voltage supply and last turn On the Drain voltage supplies
Turn off : Turn off the Drain Voltage and last turn off the Gate voltage
Note
1. ACLR Measured Pout=33dBm @ fc± 10MHz / 9.015MHz
LTE 10MHz 1FA PAPR=7.5dB @ 0.01% probability on CCDF, (DPD Engine: Optichron OP6180)
2. HT Series have internal DC blocking capacitors at the RF input and output ports
Mechanical Specifications
PARAMETER
UNIT
TYP
REMARK
Mass
g
2
-
Dimension
㎜
20.5 x 15 x 3.5
-
Package Type : NP-1EL


Similar Part No. - 201CHA390JSLE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
201CMQ IRF-201CMQ Datasheet
130Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
201CMQ SMC-201CMQ Datasheet
211Kb / 4P
High current switching power supply
logo
SMC Diode Solutions Co....
201CMQ SMCDIODE-201CMQ Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. C
logo
International Rectifier
201CMQ035 IRF-201CMQ035 Datasheet
130Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
201CMQ035 SMC-201CMQ035 Datasheet
211Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 201CHA390JSLE

ManufacturerPart #DatasheetDescription
logo
RFHIC
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
GaN Hybrid Power Amplifier
HS6472-20A RFHIC-HS6472-20A Datasheet
819Kb / 6P
GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
GaN Hybrid Power Amplifier
HM0225-05A RFHIC-HM0225-05A Datasheet
298Kb / 6P
GaN Hybrid Power Amplifier
HM0005-10A RFHIC-HM0005-10A Datasheet
211Kb / 7P
GaN Hybrid Power Amplifier
TG520-10 RFHIC-TG520-10 Datasheet
585Kb / 6P
GaN Hybrid Power Amplifier
TG1000-10 RFHIC-TG1000-10 Datasheet
557Kb / 6P
GaN Hybrid Power Amplifier
TG2000-10 RFHIC-TG2000-10 Datasheet
622Kb / 6P
GaN Hybrid Power Amplifier
RTH353710X RFHIC-RTH353710X Datasheet
481Kb / 4P
GaN Hybrid Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com