Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3543 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3543
Description  Triple Port USB Power Distribution Switch and Over-Current Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3543 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3543 Datasheet HTML 1Page - National Semiconductor (TI) LM3543 Datasheet HTML 2Page - National Semiconductor (TI) LM3543 Datasheet HTML 3Page - National Semiconductor (TI) LM3543 Datasheet HTML 4Page - National Semiconductor (TI) LM3543 Datasheet HTML 5Page - National Semiconductor (TI) LM3543 Datasheet HTML 6Page - National Semiconductor (TI) LM3543 Datasheet HTML 7Page - National Semiconductor (TI) LM3543 Datasheet HTML 8Page - National Semiconductor (TI) LM3543 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales
Office/Distributors for availability and specifications.
Voltage at IN
X and OUTX pins
−0.3V to 6V
Voltage at EN
X(ENX) and FLAGX
pins
−0.3V to 5.5V
Power Dissipation
(Note 2)
Internally Limited
Maximum Junction Temperature
150˚C
Storage Temperature Range
−65˚C to 150˚C
Lead Temperature Range
(Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
2 kV
Operating Ratings
Supply Voltage Range
2.7V to 5.5V
Continuous Output Current Range
(Each Output)
0 mA to 500 mA
Junction Temperature Range
−40˚C to 125˚C
DC Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 5.0V, ENX =VIN (LM3543-H) or ENX = 0V (LM3543-L).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
R
ON
On Resistance
V
IN = 5V, IOUTX = 0.5A
90
125
m
Ω
V
IN = 3.3V, IOUTX = 0.5A
95
130
I
OUT
OUT
X Continuous Output
Current
3.0V
≤ V
IN ≤ 5.5V
0.5
A
I
LEAK-OUT
OUT
X Leakage Current
EN
X = 0 (ENX =VIN);
T
J = 25˚C
0.01
1
µA
EN
X = 0 (ENX =VIN);
−40
≤ T
J ≤ 85˚C
10
µA
I
SC
OUT
X Short-Circuit Current
(Note 4)
OUT
X Connected to GND
0.8
1.25
A
OC
THRESH
Overcurrent Threshold
2.0
3.2
A
V
L_FLAG
FLAG
X Output-Low Voltage
I(FLAG
X)=10 mA
0.1
0.3
V
I
LEAK-FLAG
FLAG
X Leakage Current
2.7
≤ V
FLAG ≤ 5.5V
0.2
1
µA
I
LEAK-EN
EN
x Input Leakage Current
EN
x/ENx =0Vor
EN
x/ENx =VIN
−0.5
0.5
µA
V
IH
EN/EN Input Logic High
2.7V
≤ V
IN ≤ 5.5V
2.4
V
V
IL
EN/EN Input Logic Low
4.5V
≤ V
IN ≤ 5.5V
0.8
V
2.7V
≤ V
IN ≤ 4.5V
0.4
V
UVLO
Under-Voltage Lockout
Threshold
1.8
V
I
DDON
Operational Supply Current
EN
x =VIN (ENx =0);
T
J = 25˚C
375
600
µA
EN
x =VIN (ENx =0);
−40˚C
≤ T
J ≤ 125˚C
800
µA
I
DDOFF
Shutdown Supply Current
EN
x = 0 (ENx =VIN);
T
J = 25˚C
1µA
−40˚C
≤ T
J ≤ 125˚C
5
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: The maximum allowable power dissipation is a function of the Maximum Junction Temperature (TJMAX), Junction to Ambient Thermal Resistance (θJA), and
the Ambient Temperature (TA). The LM3543 in the 16-pin SOIC package has a TJMAX of 150˚C and a θJA of 130˚C/W. The maximum allowable power dissipation
at any temperature is PMAX =(TJMAX −TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the part will go into
thermal shutdown.
Note 3: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 4: Thermal Shutdown will protect the device from permanent damage.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com