Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3543 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3543
Description  Triple Port USB Power Distribution Switch and Over-Current Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3543 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3543 Datasheet HTML 1Page - National Semiconductor (TI) LM3543 Datasheet HTML 2Page - National Semiconductor (TI) LM3543 Datasheet HTML 3Page - National Semiconductor (TI) LM3543 Datasheet HTML 4Page - National Semiconductor (TI) LM3543 Datasheet HTML 5Page - National Semiconductor (TI) LM3543 Datasheet HTML 6Page - National Semiconductor (TI) LM3543 Datasheet HTML 7Page - National Semiconductor (TI) LM3543 Datasheet HTML 8Page - National Semiconductor (TI) LM3543 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM3543
Triple Port USB Power Distribution Switch and
Over-Current Protection
General Description
The LM3543 is a triple high-side power switch that is an
excellent choice for use in Root, Self-Powered and
Bus-Powered USB (Universal Serial Bus) Hubs. Indepen-
dent port enables, flag signals to alert USB controllers of
error conditions, controlled start-up in hot-plug events, and
short circuit protection all satisfy USB requirements.
The LM3543 accepts input voltages between 2.7V and 5.5V.
The Enable logic inputs, available in active-high and
active-low versions, can be powered off any voltage in the
2.7V to 5.5V range. The LM3543 limits the continuous
current through a single port to 1.25A (max.) when it is
shorted to ground.
The low on-state resistance of the LM3543 switches ensures
the LM3543 will satisfy USB voltage drop requirements,
even when current through a switch reaches 500 mA. Thus,
High-Powered USB Functions, Low-Powered USB Func-
tions, and Bus-Powered USB Hubs can all be powered off a
Root or Self-Powered USB Hub containing the LM3543.
Added features of the LM3543 include current foldback to
reduce power consumption in current overload conditions,
thermal shutdown to prevent device failure caused by
high-current overheating, and undervoltage lockout to keep
switches from operating if the input voltage is below
acceptable levels.
Features
n
90m
Ω (typ.) High-Side MOSFET Switch
n
500mA Continuous Current per Port
n
7 ms Fault Flag Delay Filters Hot-Plug Events
n
Industry Standard Pin Order
n
Short Circuit Protection with Power-Saving Current
Foldback
n
Thermal Shutdown Protection
n
Undervoltage Lockout
n
Recognized by UL and Nemko
n
Input Voltage Range: 2.7V to 5.5V
n
5 µA Maximum Standby Supply Current
n
16-Pin SOIC Package
n
Ambient Temperature Range: −40˚C to 85˚C
Applications
n
USB Root, Self-Powered, and Bus-Powered Hubs
n
USB Devices such as Monitors and Printers
n
General Purpose High Side Switch Applications
10125832
10125833
Functional Diagram
10125801
March 2001
© 2001 National Semiconductor Corporation
DS101258
www.national.com


Similar Part No. - LM3543

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
Quad Port USB Power Distribution Switch
LM3544 TI2-LM3544 Datasheet
1Mb / 17P
Quad Port USB Power Distribution Switch and Over-Current Protection
REVISED MAY 2013
LM3544 TI2-LM3544 Datasheet
1Mb / 22P
4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
REVISED MAY 2013
logo
National Semiconductor ...
LM3544M-H NSC-LM3544M-H Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
More results

Similar Description - LM3543

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
Quad Port USB Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com