Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3543 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3543
Description  Triple Port USB Power Distribution Switch and Over-Current Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3543 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3543 Datasheet HTML 1Page - National Semiconductor (TI) LM3543 Datasheet HTML 2Page - National Semiconductor (TI) LM3543 Datasheet HTML 3Page - National Semiconductor (TI) LM3543 Datasheet HTML 4Page - National Semiconductor (TI) LM3543 Datasheet HTML 5Page - National Semiconductor (TI) LM3543 Datasheet HTML 6Page - National Semiconductor (TI) LM3543 Datasheet HTML 7Page - National Semiconductor (TI) LM3543 Datasheet HTML 8Page - National Semiconductor (TI) LM3543 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC Electrical Characteristics
Limits are for T
J = 25˚C and VIN = 5.0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
r
OUT
x Rise Time (Note 5)
C
L = 33 µF, ILOAD = 500mA
1.5
ms
t
f
OUT
x Fall Time (Note 6)
C
L = 33 µF, ILOAD = 500mA
0.9
ms
t
ON
Turn-on Delay (Note 7)
C
L = 33 µF, ILOAD = 500mA
2.9
ms
t
OFF
Turn-off Delay (Note 8)
C
L = 33 µF, ILOAD = 500mA
0.7
ms
t
F
Flag Delay (Note 9)
I
FLAG =10mA
7
ms
Note 5: Time for OUTx to rise from 10% to 90% of its enabled steady-state value after ENx (ENx) is asserted.
Note 6: Time for OUTx to fall from 10% to 90% of its enabled steady-state value after ENx (ENx) is deasserted.
Note 7: Time between ENx rising through VIH (ENx falling through VIL) and OUTx rising through 90% of its enabled steady-state voltage.
Note 8: Time between ENx falling through VIL (ENx rising through VIH) and OUTx falling through 10% of its enabled steady-state voltage.
Note 9: Time between ENx rising through VIN (ENx falling through VIN) and FLAGX falling through 0.3V when OUTX is connected to GND.
Pin Description
Pin Number
Pin Name
Pin Function
2, 6
IN 1, 2
Supply Inputs: These pins are the inputs to the power switches and the supply
input for the IC. In most applications they are connected together externally
and to a single input voltage supply.
1, 5
GND 1, 2
Grounds: Must be connected together and to a common ground.
15, 14, 11
OUT 1, 2, 3
Switch Outputs: These pins are the outputs of the high side switches.
3, 4, 7
LM3543-H: EN 1, 2, 3
LM3543-L: EN 1, 2, 3
Enable (Inputs): Active-high (or active-low) logic enable inputs.
16, 13, 12
FLAG 1, 2, 3
Fault Flag (Outputs): Active-low open drain outputs. Indicates over-current,
UVLO or thermal shutdown.
8, 9, 10
N/C
No Internal Connection.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com