Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3543 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3543
Description  Triple Port USB Power Distribution Switch and Over-Current Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3543 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3543 Datasheet HTML 4Page - National Semiconductor (TI) LM3543 Datasheet HTML 5Page - National Semiconductor (TI) LM3543 Datasheet HTML 6Page - National Semiconductor (TI) LM3543 Datasheet HTML 7Page - National Semiconductor (TI) LM3543 Datasheet HTML 8Page - National Semiconductor (TI) LM3543 Datasheet HTML 9Page - National Semiconductor (TI) LM3543 Datasheet HTML 10Page - National Semiconductor (TI) LM3543 Datasheet HTML 11Page - National Semiconductor (TI) LM3543 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Functional Description (Continued)
In
Figure 3, port 1 is enabled into a short. When this occurs,
the MOSFET switch of port 1 repeatedly opens and closes
as the device temperature rises and falls between 145˚C and
135˚C. In this example, the device temperature never rises
above 160˚C. The second stage thermal shutdown is not
used and port 2 remains operational.
When port 1 is enabled into a short in the example illustrated
in
Figure 4, the device temperature immediately rises above
160˚C. A higher ambient temperature or a larger number of
shorted outputs can cause the junction temperature to
increase, resulting in the difference in behavior between the
current example and the previous one. When the junction
temperature reaches 160˚C, all three ports are disabled (port
3 is not shown in the figure) and all three fault-flag signals
are asserted. Just prior to time index 2.5 ms, the device
temperature falls below 135˚C, all three ports activate, and
all three fault flags are removed. The short condition remains
on port 1, however. For the remainder of the example, the
device temperature cycles between 135˚C and 145˚C,
causing port 1 to repeatedly turn on and off but allowing the
un-shorted ports to function normally.
Soft Start
When a power switch is enabled, high levels of current will
flow instantaneously through the LM3543 to charge the large
capacitance at the output of the port. This is likely to exceed
the over-current threshold of the device, at which point the
LM3543 will enter its current-limit mode. The amount of
current used to charge the output capacitor is then set by the
current-limit circuitry. The device will exit the current-limit
mode when the current needed to continue to charge the
output capacitor is less than the LM3543 current-limit level.
Fault Flag
The fault flags are open-drain outputs, each capable of
sinking up to a 10 mA load current to typically 100 mV above
ground.
A parasitic diode exists between the flag pins and V
IN pins.
Pulling the flag pins to voltages higher than V
IN will forward
bias this diode and will cause an increase in supply current.
This diode will also clamp the voltage on the flag pins to a
diode drop above V
IN.
The fault flag is active (pulled low) when any of the following
conditions are present: under-voltage, current-limit, or
thermal-shutdown.
The LM3543 has an internal delay in reporting fault
conditions that is typically 7 ms in length. In start-up, the
delay gives the device time to charge the output capacitor(s)
and exit the current-limit mode before a flag signal is set.
This delay also prevents flag signal glitches from occurring
when brief changes in operating conditions momentarily
place the LM3543 into one of its three error conditions. If an
error condition still exists after the delay interval has
elapsed, the appropriate fault flag(s) will be asserted (pulled
low)
until
the
error
condition
is
removed.
In
most
applications, the 7 ms internal flag delay eliminates the need
to extend the delay with an external RC delay network.
Application Information
Output Filtering
The schematic in
Figure 1 showed a typical application
circuit for the LM3543. The USB specification requires 120
µF at the output of each hub. A three-port hub with 33 µF
tantalum
capacitors
at
each
port
output
meets
the
specification. These capacitors provide short-term transient
current to drive downstream devices when hot-plug events
occur. Capacitors with low equivalent-series-resistance
should be used to lower the inrush current flow through the
LM3543 during a hot-plug event.
The rapid change in currents seen during a hot plug event
can generate electromagnetic interference (EMI). To reduce
this effect, ferrite beads in series between the outputs of the
LM3543 and the downstream USB port are recommended.
Beads should also be placed between the ground node of
the
LM3543
and
the
ground
nodes
of
connected
downstream ports. In order to keep voltage drop across the
beads to a minimum, wire with small DC resistance should
be used through the ferrite beads. A 0.01 µF - 0.1 µF ceramic
capacitor is recommended on each downstream port directly
between the V
bus and ground pins to further reduce EMI
effects.
Power Supply Filtering
A sizable capacitor should be connected to the input of the
LM3543 to ensure the voltage drop on this node is less than
330 mV during a heavy-load hot-plug event. A 33 µF, 16V
10125825
FIGURE 3. Thermal Shutdown Characteristics when
only the First-Stage Thermal-Shutdown Mode is
Needed
10125826
FIGURE 4. Thermal Shutdown Characteristics when
Both First-Stage and Second-Stage Thermal-Shutdown
Modes are Needed
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com