Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4913 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4913 Datasheet HTML 1Page - National Semiconductor (TI) LM4913 Datasheet HTML 2Page - National Semiconductor (TI) LM4913 Datasheet HTML 3Page - National Semiconductor (TI) LM4913 Datasheet HTML 4Page - National Semiconductor (TI) LM4913 Datasheet HTML 5Page - National Semiconductor (TI) LM4913 Datasheet HTML 6Page - National Semiconductor (TI) LM4913 Datasheet HTML 7Page - National Semiconductor (TI) LM4913 Datasheet HTML 8Page - National Semiconductor (TI) LM4913 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics: Bridged-Mode Operation (V
DD = 5V)
(Notes 4, 9)
The following specifications apply for the circuit shown in Figure 1, R
L =4
Ω, and a measurement bandwidth of 20Hz to
80kHz, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4913
Units
(Limits)
Typical
Limit
(Note 9)
(Notes 10,
11)
P
O
Output Power (Note 11)
THD = 0.3% (max); f = 1kHz
R
L =4
Ω (Note 12)
2W
THD+N
Total Harmonic Distortion + Noise
R
L =4
Ω,P
O = 1.5W, f = 1kHz
0.2
%
V
ON
Output Voltage Noise
C
B = 0.47µF, 20Hz < f < 20kHz
21
µV
RMS
Electrical Characteristics: SE Operation (V
DD = 5V)
(Notes 4, 9)
The following specifications apply for the circuit shown in Figure 1, R
L =4
Ω, and a measurement bandwidth of 20Hz to
80kHz, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4913
Units
(Limits)
Typical
Limit
(Note 9)
(Notes 10,
11)
P
O
Output Power (Note 11)
THD+N = 0.1%, f = 1kHz, R
L =
32
Ω
90
mW
THD+N
Total Harmonic Distortion + Noise
f = 1kHz
R
L =32
Ω,P
O = 70mW
0.2
%
%
V
ON
Output Voltage Noise
C
B = 0.47µF, 20Hz < f < 20kHz
12
µV
RMS
Electrical Characteristics for Entire Amplifier (V
DD = 3V)
(Notes 4, 9)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4913
Units
(Limits)
Typical
Limit
(Note 9)
(Notes 10,
11)
V
DD
Supply Voltage
2.7
5.5
V (min)
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, No Load
3
7
mA (max)
I
SD
Shutdown Quiescent Power Supply
Current
V
SHUTDOWN = GND
1
4
µA (max)
V
OS
Output Offset Voltage
7
30
mV (max)
PSRR
Power Supply Rejection Ratio
V
DD = 3V, CBYPASS = 0.47µF,
V
ripple = 200mVp-p 1kHz sine wave
BTL, R
L =8
Ω
BTL, SE, R
L =32
Ω
58
60
dB
dB
HP-S
VIH
HP-SENSE Logic-High Threshold
Voltage
2.7
V (min)
HP-S
VIL
HP-SENSE Logic-Low Threshold
Voltage
1.65
V (max)
SD
VIH
Shutdown Logic High Threshold
2
V (min)
SD
VIL
Shutdown Logic LowThreshold
0.8
V (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com