Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4913 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4913 Datasheet HTML 2Page - National Semiconductor (TI) LM4913 Datasheet HTML 3Page - National Semiconductor (TI) LM4913 Datasheet HTML 4Page - National Semiconductor (TI) LM4913 Datasheet HTML 5Page - National Semiconductor (TI) LM4913 Datasheet HTML 6Page - National Semiconductor (TI) LM4913 Datasheet HTML 7Page - National Semiconductor (TI) LM4913 Datasheet HTML 8Page - National Semiconductor (TI) LM4913 Datasheet HTML 9Page - National Semiconductor (TI) LM4913 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
External Components Description
(Figure 1)
Components
Functional Description
1.
R
i
This is the input resistor for the inverting input that, along with the 62.5k
Ω internal feedback resistor R
f, sets
the first stage’s closed-loop gain. The overall SE gain is A
V (SE) = 62.5k
Ω /R
i, whereas the overall BTL gain
is A
V (BTL) = -125k
Ω /R
i. Input resistance Ri and input capacitance Ci form a high pass filter. The ffilter’s
cutoff frequency is filter’s cutoff frequency is f
C =1/2
πR
iCi.
2.
C
i
This is the input coupling capacitor. It blocks DC voltage at the amplifier’s inverting input. C
ii and Ri create a
highpass filter. The filter’s cutoff frequency is f
C =1/2
πR
iCi. Refer to the Application Information section,
SELECTING EXTERNAL COMPONENTS, for an explanation of determining C
i’s value.
3.
C
C
This is the output coupling capacitor. Refer to the Application Information section, SELECTING EXTERNAL
COMPONENTS, for an explanation of determining CC’s value.
4.
C
S
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of this capacitor.
5.
C
B
This capacitor filters the half-supply voltage present on the BYPASS pin. Refer to the Application Information
section, SELECTING EXTERNAL COMPONENTS, for information about properly placing, and selecting the
value of this capacitor.
Typical Performance Characteristics
Total Harmonic Distortion vs
Output Power
Total Harmonic Distortion vs
Output Power
200617A3
200617B8
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
200617A4
200617A5
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com