Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4913 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4913 Datasheet HTML 7Page - National Semiconductor (TI) LM4913 Datasheet HTML 8Page - National Semiconductor (TI) LM4913 Datasheet HTML 9Page - National Semiconductor (TI) LM4913 Datasheet HTML 10Page - National Semiconductor (TI) LM4913 Datasheet HTML 11Page - National Semiconductor (TI) LM4913 Datasheet HTML 12Page - National Semiconductor (TI) LM4913 Datasheet HTML 13Page - National Semiconductor (TI) LM4913 Datasheet HTML 14Page - National Semiconductor (TI) LM4913 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
muting it. The output coupling capacitors blocks the amplifi-
er’s half supply DC voltage, protecting the headphones from
the VDD/2 DC output voltage.
Figure 3 also shows the suggested headphone jack electri-
cal connections. The jack is designed to mate with a three-
wire plug. The plug’s tip and adjacent ring should carry the
left and right channel stereo signals, respectively. The sleeve
furthest from the tip should carry the ground return. The
Switchcraft 35RAPC4BH3 five-terminal headphone jack
easily satisfies the LM4913’s requirement for a dual switch
headphone jack. For applications that require an SPDIF
interface in the stereo headphone jack, use a Foxconn
2F1138-TJ-TR.
SELECTING EXTERNAL COMPONENTS
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitor (Ci in Figure 2). A high value capaci-
tor can be expensive and may compromise space efficiency
in portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Applications
using speakers with this limited frequency response reap
little improvement by using large input capacitor.
The LM4913’s advanced output transient suppression cir-
cuitry has eliminated the need to select the input capacitor’s
value in relation to the BYPASS capacitor’s value as was
necessary in some previous Boomer amplifiers. The value of
CI is now strictly determined by the desired low frequency
response.
As shown in Figure 2, the input resistor (Ri) and the input
capacitor (Ci) produce a high pass filter cutoff frequency that
is found using Equation (7).
f
C =1/2
πR
iCi
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, Ci, using Equation (7) is 0.063µF. The 1.0µF
Ci shown in Figure 2 allows the LM4913 to drive high effi-
ciency, full range speaker whose response extends below
30Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of CB, the capacitor con-
nected to the BYPASS pin. Since CB determines how fast
the LM4913 settles to quiescent operation, its value is critical
when minimizing turn-on pops. The slower the LM4913’s
outputs ramp to their quiescent DC voltage (nominally VDD/
2), the smaller the turn-on pop. Choosing CB equal to 1.0µF
along with a small value of Ci (in the range of 0.1µF to
0.39µF), produces a click-less and pop-less shutdown func-
tion. As discussed above, choosing Ci no larger than neces-
sary for the desired bandwidth helps minimize clicks and
pops. CB’s value should be in the range of 5 times to 7 times
the value of Ci. This ensures that output transients are
eliminated when power is first applied or the LM4913 re-
sumes operation after shutdown.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The LM4913 contains circuitry that eliminates turn-on and
shutdown transients ("clicks and pops") and transients that
could occur when switching between BTL speakers and
single-ended headphones. For this discussion, turn-on re-
fers to either applying the power supply voltage or when the
micro-power shutdown mode is deactivated.
As the VDD/2 voltage present at the BYPASS pin ramps to
its final value, the LM4913’s internal amplifiers are config-
ured as unity gain buffers and are disconnected from the
RO/MO+ and LO/MO- pins. An internal current source
charges the capacitor connected between the BYPASS pin
and GND in a controlled, linear manner. Ideally, the input and
outputs track the voltage applied to the BYPASS pin. The
gain of the internal amplifiers remains unity until the voltage
on the bypass pin reaches VDD/2. As soon as the voltage on
the bypass pin is stable, the device becomes fully opera-
tional and the amplifier outputs are reconnected to their
respective output pins. Although the BYPASS pin current
cannot be modified, changing the size of CB alters the
device’s turn-on time. There is a linear relationship between
the size of CB and the turn-on time. Here are some typical
turn-on times for various values of CB:
200617A2
FIGURE 4. Headphone Circuit
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com