Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4913 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4913 Datasheet HTML 7Page - National Semiconductor (TI) LM4913 Datasheet HTML 8Page - National Semiconductor (TI) LM4913 Datasheet HTML 9Page - National Semiconductor (TI) LM4913 Datasheet HTML 10Page - National Semiconductor (TI) LM4913 Datasheet HTML 11Page - National Semiconductor (TI) LM4913 Datasheet HTML 12Page - National Semiconductor (TI) LM4913 Datasheet HTML 13Page - National Semiconductor (TI) LM4913 Datasheet HTML 14Page - National Semiconductor (TI) LM4913 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
C
B(µF)
T
ON (ms)
0.01
2
0.1
20
0.22
42
0.47
90
1.0
200
2.2
420
In order eliminate "clicks and pops", all capacitors must be
discharged before turn-on. Rapidly switching VDD may not
allow the capacitors to fully discharge, which may cause
"clicks and pops".
AUDIO POWER AMPLIFIER DESIGN
Audio Amplifier Design: Driving 1W into an 8
Ω Load
Given:
Power Output
1 Wrms
Load Impedance
8
Input Level
1 Vrms
Input Impedance
>20k
Bandwidth
100Hz – 20kHz ± 0.25 dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Charac-
teristics section. Another way, using Equation (8), is to cal-
culate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be added
to the result obtained by Equation (8). The result is Equation
(9).
(8)
V
DD =VOUTPEAK +VODTOP +VODBOT
(9)
The Output Power vs. Supply Voltage graph for an 8W load
indicates a minimum supply voltage of 4.6V. The commonly
used 5V supply voltage easily meets this. The additional
voltage creates the benefit of headroom, allowing the
LM4913 to produce peak output power in excess of 1W
without clipping or other audible distortion. The choice of
supply voltage must also not create a situation that violates
of maximum power dissipation as explained above in the
Power Dissipation section.
After satisfying the LM4913’s power dissipation require-
ments, the minimum differential gain needed to achieve 1W
dissipation in an 8W load is found using Equation (10).
(RESUME HERE- All that is left is to discuss the BTL low
frequency phase shift.)
(10)
Thus, a minimum gain of 2.83 allows the LM4913’s to reach
full output swing and maintain low noise and THD+N perfor-
mance. For this example, let AV(BTL) = 3. The amplifier’s
overall gain is set using the input (Ri), the first stage internal
feedback resistor, and the second stage’s fixed gain of 1.25.
With the desired input impedance set at 20kW, the feedback
resistor is found using Equation (11).
R
i = -125k
Ω /A
V (BTL)
(11)
The value of Ri is 44.2kW. The nominal output power is
1.13W.
The last step in this design example is setting the amplifier’s
-3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one-fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB-
desired limit. The results are an
f
L = 100Hz/5= 20Hz
(12)
and an
f
L = 20kHzx5= 100kHz
(13)
As mentioned in the SELECTING EXTERNAL COMPO-
NENTS section, Ri and Ci create a highpass filter that sets
the amplifier’s lower bandpass frequency limit. Find the cou-
pling capacitor’s value using Equation (14).
C
i =1/2
πR
ifL
(14)
The result is
1/2
π x 44.2kΩ x 20Hz = 0.180µF
(15)
Use a 180nF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain AV(BTL), determines
the upper passband response limit. With AV(BTL) = 3 and fH
= 100kHz, the closed-loop gain bandwidth product (GBWP)
is 300kHz. This is less than the LM4913’s 3.5MHz GBWP.
With this margin, the amplifier can be used in designs that
require more differential gain while avoiding performance
restricting bandwidth limitations.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 9 through 13 show the recommended four-layer PC
board layout that is optimized for the micro SMD-packaged
LM4913 and associated external components. This circuit is
designed for use with an external 5V supply and 8?(min)
speakers. These circuit boards are easy to use. Apply 5V
and ground to the board’s VDD and GND pads, respectively.
Connect a speaker between the board’s RO/MO+ and LO/
MO- or headphones to the headphone jack (RO/MO+ and
LO/MO- outputs).
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com