Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3138G-P14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA3138G-P14-R
Description  Differential Input and Single-Ended Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3138G-P14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA3138G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PA3138
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R107-074 .a
MARKING
PIN CONFIGURATION
1
+INR
2
-INR
3
OUTR
4
GND
5
Mute
6
VSS
7
CN
14 +INL
13 -INL
12 OUTL
11 UVP
10 GND
9
VDD
8
CP
UVP
Charge Pump
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
+INR
Right-channel OPAMP positive input
2
-INR
Right-channel OPAMP negative input
3
OUTR
Right-channel OPAMP output
4, 10
GND
Ground
5
Mute
Mute, active-low
6
VSS
Supply voltage
7
CN
Charge-pump flying capacitor negative connection
8
CP
Charge-pump flying capacitor positive connection
9
VDD
Positive supply
11
UVP
Under-voltage protection; internal pull-up, unconnected if UVP function is unused.
12
OUTL
Left-channel OPAMP output
13
-INL
Left-channel OPAMP negative input
14
+INL
Left-channel OPAMP positive input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com