Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3138G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3138G-P14-R
Description  Differential Input and Single-Ended Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3138G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3138G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3138
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R107-074 .a
DIRECT HEADPHONE DRIVER
WITH ADJUSTABLE GAIN
DESCRIPTION
The UTC PA3138 is a pop-free stereo headphone amplifier with
the integrated charge pump generating the negative supply rail
which allows the removal of the output DC-blocking capacitors. The
UTC PA3138 provides a clean, pop-free ground-biased audio
signal. The UTC PA3138 is capable of driving 25mW into a 32-Ω
load with 3.3-V supply voltage. The device has differential inputs
and uses external resistors for flexible gain setting. Gain can be
configured individually for each channel. The device can also be
configured as a second-order low-pass filter and is ideal for
interfacing with PWM audio sources.
The UTC PA3138 has built-in active-mute control for pop-free
audio on/off control. The UTC PA3138 has an external
under-voltage detector that mutes the output when monitored
voltage drop below set value.
Using the UTC PA3138 in audio products can reduce
component count considerably compared to traditional headphone
amplifiers.
FEATURES
* Low THD+N<0.01% at 10mW Into 32Ω
* Stereo Direct Headphone Amplifier driver
40 mW Into 32Ω With 3.3-V Supply
* Integrated charge pump Generates Negative Supply
Rail
* High SNR, >90dB
* Ground-Referenced Outputs Eliminate
DC-Blocking Capacitors
* Differential Input and Single-Ended Output
* Adjustable Gain by External Gain-Setting Resistors
* Pop-Free Under-Voltage Protection
* Configurable as a Second-Order Low-Pass Filter
Ideal for PWM Audio Sources
* Short-Circuit Protection
* Click- and Pop-Reduction Circuitry
* Active Mute Control for Pop-Free Audio On/Off
Control
ORDERING INFORMATION
Ordering Number
Package
Packing
PA3138G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - PA3138G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
LOW-VOLTAGE H-BRIDGE DRIVER
More results

Similar Description - PA3138G-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7312 NSC-LMP7312 Datasheet
1Mb / 22P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
Single-ended Input and Output
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual
REV. B
logo
National Semiconductor ...
LMP7312 NSC-LMP7312_14 Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
LMP7312 TI1-LMP7312 Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
TLV320AIC1110 TI1-TLV320AIC1110_15 Datasheet
1,022Kb / 40P
Differential Earphone Outputs and One Single-Ended Earphone Output
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com