Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3138G-P14-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3138G-P14-R
Description  Differential Input and Single-Ended Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3138G-P14-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PA3138G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PA3138
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R107-074 .a
TYPICAL APPLICATION CIRCUIT
+INL
-INL
OUTL
GND
Mute
VSS
CN
+INR
-INR
OUTR
UVP
GND
VDD
CP
UTC PA3138
LDO
Right
Input
-
+
C3
C3
R1
R1
C2
R3
R3
R2
R2
C1
C1
Right
Output
1µF
1µF
10µF
System Supply
1µF
3.3-V Supply
R12
R11
Left output
R2
C1
R3
R3
C2
R2
R1
R1
C3
C3
Left
Input
-
+
C1
Charge Pump
Bias and UVP
Circuitry
Headphone
Driver
Headphone
Driver
-
+
-
+
R1=15kΩ, R2=30kΩ, R3=43kΩ, C1=47pF, C2=180pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com