Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3138G-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA3138G-P14-R
Description  Differential Input and Single-Ended Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3138G-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA3138G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3138G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PA3138
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R107-074 .a
OPERATING CHARACTERISTICS
VDD=3.3V, RDL=32Ω, Rfb=30kΩ, RIN=15kΩ, TA=25°C, Charge pump: CP=1µF (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Output Power, Outputs in Phase
PO
THD+N=1%, VDD=3.3V, f=1kHz,
RL=32Ω
40
mW
Total Harmonic Distortion Plus Noise THD+N
VDD=3.3V, f=1kHz, RLD=32Ω,
PO= 10mW
0.01%
Signal-to-Noise Ratio (Note 1)
SNR
A-weighted
96
dB
Dynamic Range (Note 2)
DNR
A-weighted
90
100
dB
Noise Voltage
VN
A-weighted
13
μV
Output Impedance When Muted
ZO
Mute =GND
110
Input-to-Output Attenuation When
Muted
Mute =GND
80
dB
Crosstalk-L to R, R to L
Po=20mW
-75
dB
Current Limit
ILIMIT
PVDD=3.3V
50
mA
Notes: 1. SNR is calculated relative to 25-mW output.
2. DNR is calculated relative to output at 1% THD+N.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com