Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC40DF331DF450 Datasheet(PDF) 8 Page - Kemet Corporation

Part # ALC40DF331DF450
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF331DF450 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button ALC40DF331DF450 Datasheet HTML 4Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 5Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 6Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 7Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 8Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 9Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 10Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 11Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Table 1 – Ratings & Part Number Reference
(1) Termination code: See Termination Tables for available options.
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
ESR
Maximum
Impedance
Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
105°C (A)
10 kHz
105°C (A)
100 Hz
20°C (mΩ)
10 kHz
20°C (mΩ)
25
8200
BB
25 x 30
1.97
2.11
183
157
ALC40(1)822BB025
25
10000
BC
25 x 35
2.33
2.50
148
126
ALC40(1)103BC025
25
12000
BD
25 x 40
2.74
2.93
123
105
ALC40(1)123BD025
25
12000
CB
30 x 30
2.18
2.33
157
138
ALC40(1)123CB025
25
15000
CC
30 x 35
2.65
2.83
125
109
ALC40(1)153CC025
25
18000
CD
30 x 40
3.04
3.24
103
91
ALC40(1)183CD025
25
22000
DC
35 x 35
2.91
3.10
116
104
ALC40(1)223DC025
25
27000
CF
30 x 50
3.94
4.21
73
64
ALC40(1)273CF025
25
27000
DD
35 x 40
3.34
3.56
96
86
ALC40(1)273DD025
25
27000
EB
40 x 30
4.03
4.09
75
69
ALC40(1)273EB025
25
33000
DF
35 x 50
4.32
4.61
70
63
ALC40(1)333DF025
25
33000
EC
40 x 35
4.83
4.90
66
62
ALC40(1)333EC025
25
39000
DF
35 x 50
4.32
4.61
69
62
ALC40(1)393DF025
25
39000
ED
40 x 40
5.57
5.65
53
49
ALC40(1)393ED025
25
47000
EF
40 x 50
7.30
7.40
41
37
ALC40(1)473EF025
25
56000
EG
40 x 55
7.51
7.61
38
35
ALC40(1)563EG025
25
82000
EL
40 x 80
11.06
11.24
22
20
ALC40(1)823EL025
25
120000
EP
40 x 105
13.41
14.05
18
17
ALC40(1)124EP025
40
3900
BB
25 x 30
1.87
2.09
202
166
ALC40(1)392BB040
40
5600
BC
25 x 35
2.23
2.49
149
124
ALC40(1)562BC040
40
5600
CB
30 x 30
2.08
2.31
171
144
ALC40(1)562CB040
40
6800
BD
25 x 40
2.61
2.92
123
102
ALC40(1)682BD040
40
6800
CC
30 x 35
2.55
2.84
145
120
ALC40(1)682CC040
40
8200
CC
30 x 35
2.53
2.81
129
110
ALC40(1)822CC040
40
10000
CD
30 x 40
2.90
3.22
107
91
ALC40(1)103CD040
40
12000
CF
30 x 50
3.75
4.18
80
68
ALC40(1)123CF040
40
12000
DC
35 x 35
2.77
3.08
121
106
ALC40(1)123DC040
40
12000
EB
40 x 30
4.13
4.22
88
79
ALC40(1)123EB040
40
15000
DD
35 x 40
3.18
3.53
100
87
ALC40(1)153DD040
40
15000
ED
40 x 40
5.66
5.78
63
56
ALC40(1)153ED040
40
18000
DF
35 x 50
4.12
4.58
73
64
ALC40(1)183DF040
40
18000
EE
40 x 45
6.46
6.60
53
47
ALC40(1)183EE040
40
22000
EF
40 x 50
7.34
7.50
43
39
ALC40(1)223EF040
40
27000
EG
40 x 55
7.50
7.63
39
35
ALC40(1)273EG040
40
47000
EL
40 x 80
10.42
10.59
23
21
ALC40(1)473EL040
40
68000
EP
40 x 105
12.71
13.47
17
16
ALC40(1)683EP040
63
2200
BB
25 x 30
1.69
1.98
227
180
ALC40(1)222BB063
63
3300
BC
25 x 35
2.01
2.35
165
133
ALC40(1)332BC063
63
3900
BD
25 x 40
2.36
2.75
138
111
ALC40(1)392BD063
63
3900
CB
30 x 30
1.88
2.18
185
154
ALC40(1)392CB063
63
4700
CC
30 x 35
2.28
2.65
148
123
ALC40(1)472CC063
63
5600
CD
30 x 40
2.61
3.03
122
102
ALC40(1)562CD063
63
5600
EB
40 x 30
3.82
3.91
102
90
ALC40(1)562EB063
63
6800
CF
30 x 50
3.39
3.93
92
75
ALC40(1)682CF063
63
6800
DC
35 x 35
2.50
2.90
141
119
ALC40(1)682DC063
63
6800
EC
40 x 35
4.18
4.26
91
81
ALC40(1)682EC063
63
8200
CF
30 x 50
3.33
3.98
48
35
ALC40(1)822CF063
63
8200
DD
35 x 40
2.87
3.33
116
99
ALC40(1)822DD063
63
8200
ED
40 x 40
5.01
5.12
72
64
ALC40(1)822ED063
63
10000
DF
35 x 50
3.71
4.31
85
72
ALC40(1)103DF063
63
10000
EE
40 x 45
5.69
5.81
60
53
ALC40(1)103EE063
63
12000
EF
40 x 50
6.50
6.64
50
44
ALC40(1)123EF063
63
15000
EH
40 x 60
7.81
7.99
39
34
ALC40(1)153EH063
63
22000
EL
40 x 80
9.70
9.92
27
24
ALC40(1)223EL063
63
33000
EP
40 x 105
12.01
13.01
18
17
ALC40(1)333EP063
100
820
BB
25 x 30
1.39
1.82
294
220
ALC40(1)821BB100
100
1000
BC
25 x 35
1.65
2.16
238
177
ALC40(1)102BC100
100
1200
BD
25 x 40
1.93
2.53
198
147
ALC40(1)122BD100
100
1200
CB
30 x 30
1.57
2.01
245
191
ALC40(1)122CB100
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Impedance
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com