Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC40DF331DF450 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALC40DF331DF450
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF331DF450 Datasheet(HTML) 2 Page - Kemet Corporation

  ALC40DF331DF450 Datasheet HTML 1Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 2Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 3Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 4Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 5Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 6Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 7Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 8Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
47 – 120,000 µF
Rated Voltage
25 – 500 VDC
Operating Temperature
-40 to +105°C
Storage Temperature Range
-55 to +105°C
Capacitance Tolerance
±20% at 100 Hz / +20°C
Operational Lifetime
D (mm)
Rated Voltage and Ripple
Current at +105°C (hours)
Rated Voltage at +105°C
(hours)
25
6,000
10,000
30
7,000
11,000
35
8,000
13,000
40 – 50
9,000
14,000
End of Life Requirement
∆ C/C < ±10%, ESR < 2 x initial ESR value, IL < initial specified limit
Shelf Life
2,000 hours at +85°C or 30,000 hours at +40°C 0 VDC
Leakage Current
I = 0.003 CV or 6,000 (µA, whichever is smaller)
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 5 minutes at +20°C.
Vibration Test Specifications
Procedure
Requirements
D ≤ 40 mm
0.75 mm displacement amplitude
or 10g maximum acceleration.
Vibration applied for three
2-hour sessions at 10 – 500 Hz
(Capacitor clamped by body).
No leakage of electrolyte
or other visible damage.
Deviations in capacitance and
tanδ from initial measurements
must not exceed: ∆ C/C < 5%
D > 40 mm
0.35 mm displacement amplitude
or 5g maximum acceleration.
Vibration applied for three
0.5-hour sessions at 10 – 55 Hz
(Capacitor clamped by body).
Standards
IEC 60384–4 long life grade 40/105/56
Surge Voltage
Condition
Voltage (VDC)
25
40
63
100
200
250
350
400
450
500
≤ 30s Surge followed by a no load
period of 330s, 1,000 cycles at +85°C
28.75
46
72.5
115
230
288
385
440
495
550
≤ 500 ms surge, 100 cycles
at 20°C, occurring randomly
throughout the life of the capacitor
350
400
500
520
550
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com