Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC40DF331DF450 Datasheet(PDF) 11 Page - Kemet Corporation

Part # ALC40DF331DF450
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF331DF450 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button ALC40DF331DF450 Datasheet HTML 7Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 8Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 9Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 10Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 11Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 12Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 13Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 14Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
ESR
Maximum
Impedance
Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
105°C (A)
10 kHz
105°C (A)
100 Hz
20°C (mΩ)
10 kHz
20°C (mΩ)
450
330
DF
35 x 50
2.53
5.14
206
140
ALC40(1)331DF450
450
330
DH
35 x 60
2.91
5.53
285
198
ALC40(1)331DH450
450
330
EG
40 x 55
3.14
7.29
293
204
ALC40(1)331EG450
450
390
EH
40 x 60
3.50
8.04
249
174
ALC40(1)391EH450
450
470
DH
35 X 60
3.00
5.82
232
148
ALC40(1)471DH450
450
470
DL
35 x 80
3.51
6.68
203
138
ALC40(1)471DL450
450
560
EL
40 x 80
4.32
9.57
175
122
ALC40(1)561EL450
450
820
EL
40 X 80
4.30
10.04
154
98
ALC40(1)821EL450
450
820
EP
40 x 105
5.34
11.05
121
85
ALC40(1)821EP450
450
1200
FP
45 x 105
5.84
11.64
105
71
ALC40(1)122FP450
450
1500
KP
50 x 105
6.44
11.85
86
59
ALC40(1)152KP450
500
56
BB
25 x 30
0.75
1.58
3930
3170
ALC40(1)560BB500
500
68
BC
25 x 35
0.85
1.81
3240
2610
ALC40(1)680BC500
500
82
BD
25 x 40
0.97
2.05
2690
2170
ALC40(1)20ABD500
500
82
CB
30 x 30
1.00
2.03
2700
2180
ALC40(1)820CB500
500
120
CC
30 x 35
1.26
2.51
1850
1500
ALC40(1)121CC500
500
150
DC
35 x 35
1.51
2.88
1500
1210
ALC40(1)151DC500
500
180
CF
30 x 50
1.67
3.34
1230
1000
ALC40(1)181CF500
500
180
DD
35 x 40
1.71
3.26
1250
1010
ALC40(1)181DD500
500
180
EB
40 x 30
1.77
3.55
1250
1010
ALC40(1)181EB500
500
220
EC
40 x 35
2.03
4.09
1020
820
ALC40(1)221EC500
500
270
DF
35 x 50
2.20
4.06
840
680
ALC40(1)271DF500
500
270
ED
40 x 40
2.32
4.66
830
670
ALC40(1)271ED500
500
330
DH
35 x 60
2.52
4.62
690
560
ALC40(1)331DH500
500
390
EF
40 x 50
2.94
5.81
580
470
ALC40(1)391EF500
500
470
DL
35 x 80
3.14
5.61
480
390
ALC40(1)471DL500
500
470
EG
40 x 55
3.30
6.42
480
390
ALC40(1)471EG500
500
680
EL
40 x 80
4.25
8.14
330
270
ALC40(1)681EL500
500
820
EP
40 x 105
4.71
8.95
280
220
ALC40(1)821EP500
500
1000
FP
45 x 105
5.52
10.08
230
190
ALC40(1)102FP500
500
1200
KP
50 x 105
6.27
11.00
190
160
ALC40(1)122KP500
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Impedance
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Termination code: See Termination Tables for available options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com