Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC40DF331DF450 Datasheet(PDF) 4 Page - Kemet Corporation

Part # ALC40DF331DF450
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF331DF450 Datasheet(HTML) 4 Page - Kemet Corporation

  ALC40DF331DF450 Datasheet HTML 1Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 2Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 3Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 4Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 5Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 6Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 7Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 8Page - Kemet Corporation ALC40DF331DF450 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Termination Tables
Termination
Code
A
D
F
C
E
G
H
Diameter (mm)
25
•
•
•
30
•
•
•
35
•
•
•
•
•
40
•
•
•
•
•
•
•
45
•
•
•
•
50
•
•
•
•
Mounting: These capacitors are designed to be mounted by their terminations alone and may be used in any
position. Dummy pins must be isolated on 4 and 5 pin styles.
Termination
Code
Termination
Style
LL
±1
Standard Termination Option
A
2 Pin
6.3
G (D ≥ 45)
5 Pin
6.3
Other Termination Options
D
2 Pin
4
F
3 Pin
4
C
4 Pin
6.3
E
4 Pin
4
H
5 Pin
4
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com