Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PERICOMPI7C8150 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PERICOMPI7C8150
Description  2-Port PCI-to-PCI Bridge
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PERICOMPI7C8150 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PERICOMPI7C8150 Datasheet HTML 9Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 10Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 11Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 12Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 13Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 14Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 15Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 16Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
PI7C8150
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
3
August 22, 2002 – Revision 1.02
Name
Pin #
Type
Description
P_IRDY_L
82
STS
Primary IRDY (Active LOW). Driven by the initiator
of a transaction to indicate its ability to complete current
data phase on the primary side. Once asserted in a data
phase, it is not de-asserted until the end of the data
phase. Before tri-stated, it is driven to a de-asserted state
for one cycle.
P_TRDY_L
83
STS
Primary TRDY (Active LOW). Driven by the target of
a transaction to indicate its ability to complete current
data phase on the primary side. Once asserted in a data
phase, it is not de-asserted until the end of the data
phase. Before tri-stated,
it is driven to a de-asserted state for one cycle.
P_DEVSEL_L
84
STS
Primary Device Select (Active LOW). Asserted by the
target indicating that the device is accepting the
transaction. As a master, PI7C8150 waits for the
assertion of this signal within 5 cycles of P_FRAME_L
assertion; otherwise, terminate with master abort. Before
tri-stated, it is driven to a
de-asserted state for one cycle.
P_STOP_L
85
STS
Primary STOP (Active LOW). Asserted by the target
indicating that the target is requesting the initiator to stop
the current transaction. Before tri-stated, it is driven to a
de-asserted state for one cycle.
P_LOCK_L
87
STS
Primary LOCK (Active LOW). Asserted by the
master for multiple transactions to complete.
P_IDSEL
65
I
Primary ID Select. Used as a chip select line for Type
0 configuration access to PI7C8150 configuration space.
P_PERR_L
88
STS
Primary Parity Error (Active LOW). Asserted when
a data parity error is detected for data received on the
primary interface. Before being tri-stated, it is driven to
a de-asserted state for one cycle.
P_SERR_L
89
OD
Primary System Error (Active LOW). Can be driven
LOW by any device to indicate a system error condition.
PI7C8150 drives this pin on:
§
Address parity error
§
Posted write data parity error on target bus
§
Secondary S_SERR_L asserted
§
Master abort during posted write transaction
§
Target abort during posted write transaction
§
Posted write transaction discarded
§
Delayed write request discarded
§
Delayed read request discarded
§
Delayed transaction master timeout
This signal requires an external pull-up resistor for
proper operation.
P_REQ_L
47
TS
Primary Request (Active LOW): This is asserted by
PI7C8150 to indicate that it wants to start a transaction
on the primary bus. PI7C8150 de-asserts this pin for at
least 2 PCI clock cycles before asserting it again.
P_GNT_L
46
I
Primary Grant (Active LOW): When asserted,
PI7C8150 can access the primary bus. During idle and
P_GNT_L asserted, PI7C8150 will drive P_AD, P_CBE,
and P_PAR to valid logic levels.
P_RESET_L
43
I
Primary RESET (Active LOW): When P_RESET_L is
active, all PCI signals should be asynchronously tri-
stated.
P_M66EN
102
I
Primary Interface 66MHz Operation.
This input is used to specify if PI7C8150 is capable of
running at 66MHz. For 66MHz operation on the Primary
bus, this signal should be pulled “HIGH”. For 33MHz
operation on the Primary bus, this signal should be
pulled “LOW”. In this condition, S_M66EN will need
to be “LOW”, forcing the secondary buse to run at
33MHz also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com