Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PERICOMPI7C8150 Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PERICOMPI7C8150
Description  2-Port PCI-to-PCI Bridge
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PERICOMPI7C8150 Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PERICOMPI7C8150 Datasheet HTML 10Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 11Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 12Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 13Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 14Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 15Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 16Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 17Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 18Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 106 page
background image
PI7C8150
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
4
August 22, 2002 – Revision 1.02
2.2.2
SECONDARY BUS INTERFACE SIGNALS
Name
Pin #
Type
Description
S_AD[31:0]
206, 204, 203,
201, 200, 198,
197, 195, 192,
191, 189, 188,
186, 185, 183,
182, 165, 164,
162, 161, 159,
154, 152, 150,
147, 146, 144,
143, 141, 140,
138, 137
TS
Secondary Address/Data: Multiplexed address and data
bus. Address is indicated by S_FRAME_L assertion.
Write data is stable and valid when S_IRDY_L is
asserted and read data is stable and valid when
S_IRDY_L is asserted. Data is transferred on rising
clock edges when both S_IRDY_L and S_TRDY_L are
asserted. During bus idle, PI7C8150 drives S_AD to a
valid logic level when S_GNT_L is asserted
respectively.
S_CBE[3:0]
194, 180, 167, 149
TS
Secondary Command/Byte Enables: Multiplexed
command field and byte enable field. During address
phase, the initiator drives the transaction type on these
pins. The initiator then drives the byte enables during
data phases. During bus idle, PI7C8150 drives
S_CBE[3:0] to a valid logic level when the internal grant
is asserted.
S_PAR
168
TS
Secondary Parity: Parity is even across S_AD[31:0],
S_CBE[3:0], and S_PAR (i.e. an even number of 1’s).
S_PAR is an input and is valid and stable one cycle after
the address phase (indicated by assertion of
S_FRAME_L) for address parity. For write data phases,
S_PAR is an input and is valid one clock after
S_IRDY_L is asserted. For read data phase, S_PAR is
an output and is valid one clock after S_TRDY_L is
asserted. Signal S_PAR is tri-stated one cycle after the
S_AD lines are tri-stated. During bus idle, PI7C8150
drives S_PAR to a valid logic level when the internal
grant is asserted.
S_FRAME_L
179
STS
Secondary FRAME (Active LOW): Driven by the
initiator of a transaction to indicate the beginning and
duration of an access. The de-assertion of S_FRAME_L
indicates the final data phase requested by the initiator.
Before being tri-stated, it is driven to a de-asserted state
for one cycle.
S_IRDY_L
177
STS
Secondary IRDY (Active LOW): Driven by the
initiator of a transaction to indicate its ability to
complete current data phase on the secondary side. Once
asserted in a data phase, it is not de-asserted until the end
of the data phase. Before tri-stated, it is driven to a de-
asserted state for one cycle.
S_TRDY_L
176
STS
Secondary TRDY (Active LOW): Driven by the target
of a transaction to indicate its ability to complete current
data phase on the secondary side. Once asserted in a
data phase, it is not de-asserted until the end of the data
phase. Before tri-stated, it is driven to a de-asserted state
for one cycle.
S_DEVSEL_L
175
STS
Secondary Device Select (Active LOW): Asserted by
the target indicating that the device is accepting the
transaction. As a master, PI7C8150 waits for the
assertion of this signal within 5 cycles of S_FRAME_L
assertion; otherwise, terminate with master abort. Before
tri-stated, it is driven to a de-asserted state for one cycle.
S_STOP_L
173
STS
Secondary STOP (Active LOW): Asserted by the
target indicating that the target is requesting the initiator
to stop the current transaction. Before tri-stated, it is
driven to a de-asserted state for one cycle.
S_LOCK_L
172
STS
Secondary LOCK (Active LOW): Asserted by the
master for multiple transactions to complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com