Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PERICOMPI7C8150 Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PERICOMPI7C8150
Description  2-Port PCI-to-PCI Bridge
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PERICOMPI7C8150 Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PERICOMPI7C8150 Datasheet HTML 17Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 18Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 19Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 20Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 21Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 22Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 23Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 24Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 25Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
PI7C8150
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
11
August 22, 2002 – Revision 1.02
This section provides a summary of PCI transactions performed by PI7C8150.
Table 4–1 lists the command code and name of each PCI transaction. The Master and
Target columns indicate support for each transaction when PI7C8150 initiates transactions
as a master, on the primary (P) and secondary (S) buses, and when PI7C8150 responds to
transactions as a target, on the primary (P) and secondary (S) buses.
Table 4-1. PCI Transactions
Types of Transactions
Initiates as Master
Responds as Target
Primary
Secondary
Primary
Secondary
0000
Interrupt Acknowledge
N
N
N
N
0001
Special Cycle
Y
Y
N
N
0010
I/O Read
Y
Y
Y
Y
0011
I/O Write
Y
Y
Y
Y
0100
Reserved
N
N
N
N
0101
Reserved
N
N
N
N
0110
Memory Read
Y
Y
Y
Y
0111
Memory Write
Y
Y
Y
Y
1000
Reserved
N
N
N
N
1001
Reserved
N
N
N
N
1010
Configuration Read
N
Y
Y
N
1011
Configuration Write
Y (Type 1 only)
Y
Y
Y (Type 1 only)
1100
Memory Read Multiple
Y
Y
Y
Y
1101
Dual Address Cycle
Y
Y
Y
Y
1110
Memory Read Line
Y
Y
Y
Y
1111
Memory Write and Invalidate
Y
Y
Y
Y
As indicated in Table 4–1, the following PCI commands are not supported by PI7C8150:
§
PI7C8150 never initiates a PCI transaction with a reserved command code and, as a
target, PI7C8150 ignores reserved command codes.
§
PI7C8150 does not generate interrupt acknowledge transactions. PI7C8150 ignores
interrupt acknowledge transactions as a target.
§
PI7C8150 does not respond to special cycle transactions. PI7C8150 cannot guarantee
delivery of a special cycle transaction to downstream buses because of the broadcast
nature of the special cycle command and the inability to control the transaction as a
target. To generate special cycle transactions on other PCI buses, either upstream or
downstream, Type 1 configuration write must be used.
§
PI7C8150 neither generates Type 0 configuration transactions on the primary PCI
bus nor responds to Type 0 configuration transactions on the secondary PCI buses.
3.2
SINGLE ADDRESS PHASE
A 32-bit address uses a single address phase. This address is driven on P_AD[31:0], and
the bus command is driven on P_CBE[3:0]. PI7C8150 supports the linear increment
address mode only, which is indicated when the lowest two address bits are equal to zero.
If either of the lowest two address bits is nonzero, PI7C8150 automatically disconnects the
transaction after the first data transfer.
3.3
DEVICE SELECT (DEVSEL_L) GENERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com