Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PERICOMPI7C8150 Datasheet(PDF) 31 Page - Pericom Semiconductor Corporation

Part # PERICOMPI7C8150
Description  2-Port PCI-to-PCI Bridge
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PERICOMPI7C8150 Datasheet(HTML) 31 Page - Pericom Semiconductor Corporation

Back Button PERICOMPI7C8150 Datasheet HTML 27Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 28Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 29Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 30Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 31Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 32Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 33Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 34Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 35Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
PI7C8150
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
21
August 22, 2002 – Revision 1.02
§
Leaves unchanged the function number and register number fields.
PI7C8150 asserts a unique address line based on the device number. These address lines
may be used as secondary bus IDSEL signals. The mapping of the address lines depends on
the device number in the Type 1 address bits P_AD[15:11]. Table 4–6 presents the
mapping that PI7C8150 uses.
Table 4-6. Device Number to IDSEL S_AD Pin Mapping
Device Number
P_AD[15:11]
Secondary IDSEL S_AD[31:16]
S_AD
0h
00000
0000 0000 0000 0001
16
1h
00001
0000 0000 0000 0010
17
2h
00010
0000 0000 0000 0100
18
3h
00011
0000 0000 0000 1000
19
4h
00100
0000 0000 0001 0000
20
5h
00101
0000 0000 0010 0000
21
6h
00110
0000 0000 0100 0000
22
7h
00111
0000 0000 1000 0000
23
8h
01000
0000 0001 0000 0000
24
9h
01001
0000 0010 0000 0000
25
Ah
01010
0000 0100 0000 0000
26
Bh
01011
0000 1000 0000 0000
27
Ch
01100
0001 0000 0000 0000
28
Dh
01101
0010 0000 0000 0000
29
Eh
01110
0100 0000 0000 0000
30
Fh
01111
1000 0000 0000 0000
31
10h – 1Eh
10000 – 11110
0000 0000 0000 0000
-
1Fh
11111
Generate special cycle (P_AD[7:2] = 00h)
0000 0000 0000 0000 (P_AD[7:2] = 00h)
-
PI7C8150 can assert up to 9 unique address lines to be used as IDSEL signals for
up to 9 devices on the secondary bus, for device numbers ranging from 0 through 8.
Because of electrical loading constraints of the PCI bus, more than 9 IDSEL signals should
not be necessary. However, if device numbers greater than 9 are desired, some external
method of generating IDSEL lines must be used, and no upper address bits are then
asserted. The configuration transaction is still translated and passed from the primary bus to
the secondary bus. If no IDSEL pin is asserted to a secondary device, the transaction ends
in a master abort.
PI7C8150 forwards Type 1 to Type 0 configuration read or write transactions as delayed
transactions. Type 1 to Type 0 configuration read or write transactions are limited to a
single 32-bit data transfer.
3.7.3
TYPE 1 TO TYPE 1 FORWARDING
Type 1 to Type 1 transaction forwarding provides a hierarchical configuration mechanism
when two or more levels of PCI-to-PCI bridges are used.
When PI7C8150 detects a Type 1 configuration transaction intended for a PCI bus
downstream from the secondary bus, PI7C8150 forwards the transaction unchanged to the
secondary bus. Ultimately, this transaction is translated to a Type 0 configuration command
or to a special cycle transaction by a downstream PCI-to-PCI bridge. Downstream Type 1
to Type 1 forwarding occurs when the following conditions are met during the address
phase:
§
The lowest two address bits are equal to 01b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com