Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S39421 Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 10Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 11Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 12Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 13Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 14Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 15Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 16Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
S39421
13
2024 9.0 8/8/00
INSTRUCTION SET
Instruction
Start
Opcode
Address
Data
Comments
Bit
x16
x16
READ
1
10
x(A5–A0)
Read Address AN–A0
ERASE
1
11
x(A5–A0)
Clear Address AN–A0
WRITE
1
01
x(A5–A0)
D15–D0
Write Address AN–A0
EWEN
1
00
11xxxx
Write Enable
EWDS
1
00
00xxxx
Write Disable
WRAL
1
00
01xxxx
D15–D0
Write All Addresses
2024 PGM T5 .0
FIGURE 11. DATA DOWNLOADER SEQUENCE OF OPERATION
[note: all data download timing conforms to the timing shown in Figure 5]
Data Download Mode
The Data Download mode is an alternative method of
accessing the E2PROM memory. Use of this mode allows
downloading the entire contents of the memory without
entering any commands. The DD mode is enabled after a
low to high transition on the DD pin, while continuing to
assert DD (this includes powering up the device with DD
tied high). Also, as a condition to enter this mode, the
device must not be in a state of reset. Once in Data
Download mode, the device will wait until Chip Select is
driven active. At this point, the device will output a dummy
‘0’ followed by the contents of location 0000. As long as
the SK line is toggled the S39421 will continue to output
the contents of sequential address locations. In this
manner, the configuration data that is loaded into an
interface device can be accessed in a simple manner
without requiring the logic of the interface chip to generate
the complex signals needed for the microwire interface.
Data Download mode is exited upon the first high to low
transition of the Chip Select input.
Data From
Address 000
Data From
Address 001
Data From
Address 1FE
Data From
Address 1FF
DO
SK
CS
DD
VCC
Dummy 0
2024 ILL7.1
DD Mode
Disabled
DD Mode Enabled After
RESET is released and After
DD is Taken to Logic 1
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com