Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S39421 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  S39421 Datasheet HTML 1Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 2Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 3Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 4Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 5Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 6Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 7Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 8Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
S39421
3
2024 9.0 8/8/00
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Voltage on :
DRVREN
VCC12
15V
VCC3
7V
CARD_5V
7V
CARD_3V
7V
SGNL_VLD, CARD_V_VLD & RESET
12V
RESET
VCC +.7V
All Others
VCC +.7V
Output Short Circuit Current
100mA
Lead Solder Temperature (10 secs)
300°C
COMMENT
Stresses listed under Absolute Maximum
Ratings may cause permanent damage to
the device. These are stress ratings only, and
functional operation of the device at these or
any other conditions outside those listed in
the operational sections of this specification
is not implied. Exposure to any absolute
maximum rating for extended periods may
affect device performance and reliability.
2024 PGM T2.3
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current
Resets Active, VGATES Ramping
.6
1
mA
ICC2
Power Supply Current
Quiesent - Resets released, VGATES On
250
500
µA
ICC3
Power Supply Current
Quiesent - EEPROM Access
.8
1.5
mA
VTRIP
VTRIP Sense Levels
VCC5 and CARD_5V
4.5
4.6
4.75
V
Low to High
VCC3 and CARD_3V
2.8
2.9
3.0
V
High to Low
VCC5 and CARD_5V
4.5
4.70
V
VCC3 and CARD_3V
2.8
2.95
V
VTRHST
Trip Point Hysteresis
7
mV
ILI
Input Leakage Current
1
2
µA
ILO
Output Leakage Current
2
10
µA
VIL
Input Low Voltage
-0.1
0.8
V
VIH
Input High Voltage
2
VCC+1
V
VOL
Output Low Voltage
VCC = 5.0V, IOL = 2.1mA
0.4
V
VOH
Output High Voltage
VCC = 5.0V, IOH = -400µA
2.4
V
VOLRS
RESET Output Low Voltage
IOL = 3.2mA
0.4
V
VOHRS
RESET Output High Voltage
IOH = -800 µA
VCC-.75V
V
DC OPERATING CHARACTERISTICS (Over Recommended Operating Conditions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com