Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S39421 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  S39421 Datasheet HTML 1Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 2Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 3Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 4Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 5Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 6Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 7Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 8Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
S39421
2024 9.0 8/8/00
Symbol
Parameter
Conditions
Min
Max
Units
tCSS
CS Setup Time
50
ns
tCSH
CS Hold Time
0
ns
tDIS
DI Setup Time
100
ns
tDIH
DI Hold Time
100
ns
tPD1
Output Delay to 1
250
ns
tPD0
Output Delay to 0
250
ns
tHZ
Output Delay to Hi-Z
100
ns
tEW
Program/Erase Time
10
ms
tCSMIN
Minimum CS Low Time
250
ns
tSKHI
Minimum SK Low Time
250
ns
tSV
Output Delay to Status Valid
250
ns
SKMAX
Maximum Clock Frequency
1
MHz
MEMORY AC OPERATING CHARACTERISTICS (Over Recommended Operating Conditions)
2024 PGM T3.1
Symbol
Parameter
Notes
Min
Typ
Max
Units
TSLEW
Slew Rate
250
280
V/Sec
THSE
High Side Enable Delay
Card Insertion Noise Filter
100
140
200
ms
VTRHST
Trip Point Hysteresis
7
mV
tPURST
Power-up Reset Timeout
105
130
200
ms
VRVALID
RESET Output Valid
1
.9
V
tGLTICH
Glitch Reject Pulse Width
40
ns
tLVVG
Loss of Voltage to VGATE off
w. 100 pf load
2
µs
tLVSV
Loss of Voltage to Signal Valid off
5
µs
tLVDE
Loss of Voltage to Drive Enable off
20
µs
tRPD
VTRIP to RESET output Delay
5
µs
tCRVG
Card Removal to VGATE off
w. 100 pf load
2
µs
tCRSV
Card Removal to Signal Valid off
5
µs
tCRDE
Card Removal to Drive Enable off
20
µs
SEQUENCER AC OPERATING CHARACTERISTICS (Over Recommended Operating Conditions)
2024 PGM T4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com