Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S39421 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # S39421
Description  Hot Swap Voltage Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S39421 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  S39421 Datasheet HTML 1Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 2Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 3Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 4Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 5Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 6Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 7Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 8Page - Summit Microelectronics, Inc. S39421 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
S39421
2024 9.0 8/8/00
PIN CONFIGURATION
Symbol
Pin
Description
VCC12
1
12 Volt Input
DRVREN
2
High Side Driver Enable (L)
ISLEW
3
Slew Rate Control
VSEL
4
Voltage Select
DD
5
Data Download Enable
CS
6
Microwire Chip Select
SK
7
Microwire Serial Clock
DI
8
Microwire Data In
DO
9
Microwire Data Out
PND2
10
Pin Detect 2 (Active Low)
PND1
11
Pin Detect 1 (Active Low)
GND
12
Ground
CARD_V_VLD
13
Card Voltage Valid
SGNL_VLD
14
Signals Valid (Active Low)
HST_PWR
15
Host Power Up Enable
HST_RST
16
Host Reset (Active Low)
RESET
17
RESET(Active Low)
RESET
18
RESET
CARD_3V
19
Card’s 3 Volt Monitor Input
VGATE3
20
3 Volt Gate Output
VCC3
21
3 Volt Input
CARD_5V
22
Card’s 5 Volt Monitor Input
VGATE5
23
5 Volt Gate Output
VCC5
24
5 Volt Input
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC5
VGATE5
CARD_5V
VCC3
VGATE3
CARD_3V
RESET
RESET
HST_PWR
SGNL_VLD
GND
PND1
PND2
VCC12
DRVREN
ISLEW
VSEL
DD
CS
SK
DI
DO
HST_RST
2024 ILL1.1
CARD_V_VLD
2024 PGM T1.1
Condition
Min
Max
Temperature
-40°C
+85°C
VCC
2.7V
5.5V
RECOMMENDED OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com