Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZR Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8406-CSZR
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZR Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8406-CSZR Datasheet HTML 7Page - Cirrus Logic CS8406-CSZR Datasheet HTML 8Page - Cirrus Logic CS8406-CSZR Datasheet HTML 9Page - Cirrus Logic CS8406-CSZR Datasheet HTML 10Page - Cirrus Logic CS8406-CSZR Datasheet HTML 11Page - Cirrus Logic CS8406-CSZR Datasheet HTML 12Page - Cirrus Logic CS8406-CSZR Datasheet HTML 13Page - Cirrus Logic CS8406-CSZR Datasheet HTML 14Page - Cirrus Logic CS8406-CSZR Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DS580F6
11
CS8406
3. GENERAL DESCRIPTION
The CS8406 is a monolithic CMOS device which encodes a nd transmits audio data according to the AES3,
IEC60958, S/PDIF, and EIAJ CP1201 interface standards. The CS8406 accepts audio, channel status and user da-
ta, which is then multiplexed, encoded, and driven onto a cable.
The audio data is input through a configurable, 3-wire input port. The channel status bits and user bit data are input
through an SPI or I²C Mode microcontroller port and may be assembled in separate block sized buffers.
For systems with no microcontroller, a Stand-Alone Mode allows direct access to channel status and user data input
pins.
Target applications include CD-R, DAT, DVD, MD and VTR equipment, mixing consoles, digital audio transmission
equipment, high quality A/D converters, effects processors, set-top TV boxes, and computer audio systems.
Figure 5 shows the supply and external connections to the CS8406 when configured for operation with a microcon-
troller. Figure 6 shows the supply and external connections to the CS8406 when configured for operation without a
microcontroller.
3.1
AES3 and S/PDIF Standards Documents
This data sheet assumes that the user is familiar with the AES3 and S/PDIF data formats. It is advisable to
have current copies of the AES3 and IEC60958 specifications on hand for easy reference.
The latest AES3 standard is available from the Audio Engi neering Society or ANSI at www.aes.org or
www.ansi.org. Obtain the latest IEC60958 standard from ANSI or from the International Electrotechnical
Commission at www.iec.ch. The latest EIAJ CP-1201 standard is available from the Japanese Electronics
Bureau.
Application Note 22: Overview of Digital Audio Interface Data Structures contains a useful tutorial on digital
audio specifications, but it should not be considered a substitute for the standards.
The paper An Understanding and Implementation of the SCMS Serial Copy Management System for Digital
Audio Transmission
, by Clifton Sanchez, is an excellent tutorial on SCMS. It is available from the AES as
reprint 3518.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com