Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZR Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8406-CSZR
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZR Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8406-CSZR Datasheet HTML 31Page - Cirrus Logic CS8406-CSZR Datasheet HTML 32Page - Cirrus Logic CS8406-CSZR Datasheet HTML 33Page - Cirrus Logic CS8406-CSZR Datasheet HTML 34Page - Cirrus Logic CS8406-CSZR Datasheet HTML 35Page - Cirrus Logic CS8406-CSZR Datasheet HTML 36Page - Cirrus Logic CS8406-CSZR Datasheet HTML 37Page - Cirrus Logic CS8406-CSZR Datasheet HTML 38Page - Cirrus Logic CS8406-CSZR Datasheet HTML 39Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
36
DS580F6
CS8406
16.APPENDIX B: CHANNEL STATUS AND USER DATA BUFFER
MANAGEMENT
The CS8406 has a comprehensive channel status (C) and user (U) data buffering scheme which allows the user to
manage the C and U data through the control port.
16.1 AES3 Channel Status(C) Bit Management
The CS8406 contains sufficient RAM to store a full block of C data for both A and B channels (192x2 = 384
bits), and also 384 bits of U information. The user may read from or write to these RAM buffers through the
control port.
The CS8406 manages the flow of channel status data at the block level, meaning that entire blocks of chan-
nel status information are buffered at the input, synchronized to the output timebase, and then transmitted.
The buffering scheme involves a cascade of 2 block-sized buffers, named E and F, as shown in Figure 17.
The MSB of each byte represents the first bit in the serial C data stream. For example, the MSB of byte 0
(which is at control port address 20h) is the consumer/professional bit for channel status block A.
The E buffer is accessible from the control port, allowing read and writing of the C data. The F buffer is used
as the source of C data for the AES3 transmitter. The F buffer accepts block transfers from the E buffer.
16.1.1
Accessing the E buffer
The user can monitor the data being transferred by reading the E buffer, which is mapped into the register
space of the CS8406, through the control port. The user can modify the data to be transmitted by writing
to the E buffer.
The user can configure the interrupt enable register to cause interrupts to occur whenever “E to F” buffer
transfers occur. This allows determination of the allowable time periods to interact with the E buffer.
Also provided is an “E to F” inhibit bit. The “E to F” buffer transfer is disabled whenever the user sets this
bit. This may be used whenever “long” control port interactions are occurring.
A flowchart for reading and writing to the E buffer is shown in Figure 18. For writing, the sequence starts
after a E to F transfer, which is based on the output timebase.
If the channel status block to transmit indicates PRO Mode, then the CRCC byte is automatically calcu-
lated by the CS8406, and does not have to be written into the last byte of the block by the host microcon-
Control Port
To
AES3
Transm itter
E
24
words
8-bits
8-bits
AB
F
Transm it
Data
Buffer
Figure 17. Channel Status Data Buffer Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com