Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZR Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS8406-CSZR
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZR Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS8406-CSZR Datasheet HTML 16Page - Cirrus Logic CS8406-CSZR Datasheet HTML 17Page - Cirrus Logic CS8406-CSZR Datasheet HTML 18Page - Cirrus Logic CS8406-CSZR Datasheet HTML 19Page - Cirrus Logic CS8406-CSZR Datasheet HTML 20Page - Cirrus Logic CS8406-CSZR Datasheet HTML 21Page - Cirrus Logic CS8406-CSZR Datasheet HTML 22Page - Cirrus Logic CS8406-CSZR Datasheet HTML 23Page - Cirrus Logic CS8406-CSZR Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
DS580F6
CS8406
MMTCS - Select A or B channel status data to transmit in Mono Mode
Default = ‘0’
0 - Use channel A CS data for the A subframe and use channel B CS data for the B subframe
1 - Use the same CS data for both the A and B subframe outputs. If MMTLR = 0, use the left channel CS
data. If MMTLR = 1, use the right channel CS data.
MMTLR - Channel Selection for AES Transmitter Mono Mode
Default = ‘0’
0 - Use left channel input data for consecutive subframe outputs
1- Use right channel input data for consecutive subframe outputs
8.4
Data Flow Control (03h)
The Data Flow Control register configures the flow of audio data. The output data should be muted prior to
changing bits in this register to avoid transients.
TXOFF - AES3 Transmitter Output Driver Control
Default = ‘0
0 - AES3 transmitter output pin drivers normal operation
1 - AES3 transmitter output pin drivers drive to 0 V.
AESBP - AES3 bypass mode selection
Default = ‘0’
0 - Normal operation
1 - Connect the AES3 transmitter driver input di rectly to the RXP pin, which becomes a normal TTL
threshold digital input.
8.5
Clock Source Control (04h)
This register configures the clock sources of various blocks. In conjunction with the Data Flow Control reg-
ister, various Receiver/Transmitter/Transceiver modes may be selected.
RUN - Controls the internal clocks, allowing the CS8406 to be placed in a “powered down” low current con-
sumption, state.
Default = ‘0’
0 - Internal clocks are stopped. Internal state machines are reset. The fully static
control port registers are operational, allowing registers to be read or changed. Reading and
writing the U and C data buffers is not possible. Power consumption is low.
1 - Normal part operation. This bit must be set to 1 to allow the CS8406 to begin operation.
All input clocks should be stable in frequency and phase when RUN is set to 1.
CLK1:0 - Output master clock (OMCK) input frequency to output sample rate (Fs) ratio selector. If these bits
are changed during normal operation, always stop the CS8406 first (RUN = 0), write the new value, then
start the CS8406 (RUN = 1).
7
6
5
432
1
0
0
TXOFF
AESBP
0
0
0
0
0
7
6
5
432
1
0
0
RUN
CLK1
CLK0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com