Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZR Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8406-CSZR
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZR Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8406-CSZR Datasheet HTML 18Page - Cirrus Logic CS8406-CSZR Datasheet HTML 19Page - Cirrus Logic CS8406-CSZR Datasheet HTML 20Page - Cirrus Logic CS8406-CSZR Datasheet HTML 21Page - Cirrus Logic CS8406-CSZR Datasheet HTML 22Page - Cirrus Logic CS8406-CSZR Datasheet HTML 23Page - Cirrus Logic CS8406-CSZR Datasheet HTML 24Page - Cirrus Logic CS8406-CSZR Datasheet HTML 25Page - Cirrus Logic CS8406-CSZR Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22
DS580F6
CS8406
8.7
Interrupt 1 Status (07h) (Read Only)
For all bits in this register, a ‘1’ means the associated interrupt condition has occurred at least once since
the register was last read. A ‘0’ me ans the associated interrupt condition has NOT occurred since the last
reading of the register. Reading the register resets all bits to ‘0’, unless the Interrupt Mode is set to level and
the interrupt source is still true. Status bits that are masked off in the associated mask register will always
be ‘0’ in this register. This register defaults to 00h.
TSLIP - AES3 transmitter source data slip interrupt
In data flows where OMCK, which clocks the AES3 transmitter, is asynchronous to the data source, this bit
will go high every time a data sample is dropped or repeated. When TCBL is an input, this bit will go high
on receipt of a new TCBL signal.
EFTC - E to F C-buffer transfer interrupt. The source for this bit is true during the E to F buffer transfer in
the C bit buffer management process.
8.8
Interrupt 2 Status (08h) (Read Only)
For all bits in this register, a ‘1’ means the associated interrupt condition has occurred at least once since
the register was last read. A ‘0’ me ans the associated interrupt condition has NOT occurred since the last
reading of the register. Reading the register resets all bits to ‘0’, unless the Interrupt Mode is set to level and
the interrupt source is still true. Status bits that are masked off in the associated mask register will always
be ‘0’ in this register. This register defaults to 00h.
EFTU - E to F U-buffer transfer interrupt. (Block Mode only) The source of this bit is true during the E to F
buffer transfer in the U bit buffer management process.
8.9
Interrupt 1 Mask (09h)
The bits of this register serve as a mask for the Interrupt 1 register. If a mask bit is set to 1, the error is un-
masked, meaning that its occurrence will affect the INT pin and the status register. If a mask bit is set to 0,
the error is mas ked, meaning that its occurrence will not affect the INT pin or the status register. The bit
positions align with the corresponding bits in Interrupt 1 register. This register defaults to 00h.
7
6
5
432
1
0
TSLIP
0
0
0
0
0
EFTC
0
7
6
5
432
1
0
00
0
0
0
EFTU
0
0
7
6
5
432
1
0
TSLIPM
0
0
0
0
0
EFTCM
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com