Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2002 Datasheet(PDF) 5 Page - TDK Electronics

Part # WM2002
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002 Datasheet(HTML) 5 Page - TDK Electronics

  WM2002 Datasheet HTML 1Page - TDK Electronics WM2002 Datasheet HTML 2Page - TDK Electronics WM2002 Datasheet HTML 3Page - TDK Electronics WM2002 Datasheet HTML 4Page - TDK Electronics WM2002 Datasheet HTML 5Page - TDK Electronics WM2002 Datasheet HTML 6Page - TDK Electronics WM2002 Datasheet HTML 7Page - TDK Electronics WM2002 Datasheet HTML 8Page - TDK Electronics WM2002 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product Brief
WM2002
w
Product Brief, September 2013, Rev 4.1
5
PIN
NAME
TYPE
DESCRIPTION
42
IREFR
Analogue
Input/Output
Current reference resistor connection
43
DBVDD
Supply
Digital buffer supply
44
DNC
n/a
Do Not Connect
45
DGND
Supply
Digital supplies ground
46
DGND
Supply
Digital supplies ground
47
DGND
Supply
Digital supplies ground
48
DGND
Supply
Digital supplies ground
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are
given under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically
susceptible to damage from excessive static voltages. Proper ESD precautions must be taken
during handling and storage of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable
storage conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in “Ordering Information”.
CONDITION
MIN
MAX
BATTVDD
-0.3V
+1.8V
SYSVDD, MICVDD, LDO1VDD, DBVDD
-0.3V
+3.6V
PROGVDD
-0.3V
+6.75V
Voltage range digital inputs
DGND - 0.3V
DBVDD + 0.3V
Voltage range analogue inputs
AGND - 0.3V
LDO3VOUT + 0.25V
Operating temperature range, TA
-40ºC
+85ºC
Storage temperature after soldering
-65ºC
+150ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com