Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2002 Datasheet(PDF) 10 Page - TDK Electronics

Part # WM2002
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002 Datasheet(HTML) 10 Page - TDK Electronics

Back Button WM2002 Datasheet HTML 4Page - TDK Electronics WM2002 Datasheet HTML 5Page - TDK Electronics WM2002 Datasheet HTML 6Page - TDK Electronics WM2002 Datasheet HTML 7Page - TDK Electronics WM2002 Datasheet HTML 8Page - TDK Electronics WM2002 Datasheet HTML 9Page - TDK Electronics WM2002 Datasheet HTML 10Page - TDK Electronics WM2002 Datasheet HTML 11Page - TDK Electronics WM2002 Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
WM2002
Product Brief
w
Product Brief, September 2013, Rev 4.1
10
PACKAGE DIMENSIONS
DM079.A
FL: 48 PIN QFN PLASTIC PACKAGE 7 X 7 X 0.75 mm BODY, 0.50 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
C
aaa
2 X
E2
E2/2
D2
24
L
D2/2
C
aaa
2 X
25
36
37
48
1
12
13
D
E
e
PIN 1
A
A1
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
b
D
D2
E
E2
e
L
0.75
0.30
0.25
0.20
7.00 BSC
5.75
5.65
5.55
7.00 BSC
0.5 BSC
5.65
5.75
5.55
0.35
0.4
0.45
1
A1
A3
0
0.035
0.05
0.203 REF
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. ALL DIMENSIONS ARE IN MILLIMETRES
3. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-002.
4. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
5. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION.
JEDEC, MO-220
Tolerances of Form and Position
aaa
bbb
ccc
0.10
0.08
0.10
REF
EXPOSED
GND
PADDLE
6
0.7
0.8
A2
-
0.55
0.57
A2
C
ccc
b
(A3)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com