Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2002 Datasheet(PDF) 8 Page - TDK Electronics

Part # WM2002
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002 Datasheet(HTML) 8 Page - TDK Electronics

Back Button WM2002 Datasheet HTML 4Page - TDK Electronics WM2002 Datasheet HTML 5Page - TDK Electronics WM2002 Datasheet HTML 6Page - TDK Electronics WM2002 Datasheet HTML 7Page - TDK Electronics WM2002 Datasheet HTML 8Page - TDK Electronics WM2002 Datasheet HTML 9Page - TDK Electronics WM2002 Datasheet HTML 10Page - TDK Electronics WM2002 Datasheet HTML 11Page - TDK Electronics WM2002 Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WM2002
Product Brief
w
Product Brief, September 2013, Rev 4.1
8
RECOMMENDED EXTERNAL COMPONENTS
WM2002
LDO3VOUT
LDO2VOUT
LDO4VOUT
MICLP
MICBIAS
XTI
XTO
2.2 F
2.2 F
2.2 F
2.2 F
External
2.1V supply
4.7 F
VREFC
100nF
MICLN
MICRP
4.7 F
MICRN
3.3k
3.3k
ANC
Microphone
Inputs
INLP
2.2 F
INLN
INRP
2.2 F
INRN
Line Inputs
VMIDC
4.7 F
18pF
18pF
12.288MHz
LDO1VOUT
LDO1VDD
MICVDD
DBVDD
SYSVDD
2.2 F
2.2 F
2.2 F
CFB1
BATTVDD
DC1LX
DC1VOUT
CPVOUT
CPGND
CFB2
IREFR
100k
PROGVDD
100k
1 F
4.7 F
27pF
4.7 F
4.7 F
300
LED
DBVDD
10k
DMICBVDD
MON
Control
Interface
1k
DBVDD
ADDR
10k
SCLK
SDA
1k
HPOUTLP
HPOUTRN
HPOUTLN
HPOUTRP
Stereo
Headphone
DGND
AGND
HPGND
100nF
33
2.2 F
External
2.8V supply
Pre-
Amp*
Pre-
Amp*
* see reference schematics for full pre-amp details
Figure 2 External Components Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com