Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2002 Datasheet(PDF) 1 Page - TDK Electronics

Part # WM2002
Description  Stereo Headphone Driver with Wolfson
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

WM2002 Datasheet(HTML) 1 Page - TDK Electronics

  WM2002 Datasheet HTML 1Page - TDK Electronics WM2002 Datasheet HTML 2Page - TDK Electronics WM2002 Datasheet HTML 3Page - TDK Electronics WM2002 Datasheet HTML 4Page - TDK Electronics WM2002 Datasheet HTML 5Page - TDK Electronics WM2002 Datasheet HTML 6Page - TDK Electronics WM2002 Datasheet HTML 7Page - TDK Electronics WM2002 Datasheet HTML 8Page - TDK Electronics WM2002 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
w
WM2002
Stereo Headphone Driver with Wolfson
Ambient Noise Cancellation
WOLFSON MICROELECTRONICS plc
Product Brief, September 2013, Rev 4.1
Copyright
2013 Wolfson Microelectronics plc
DESCRIPTION
The WM2002 is a low power, high quality stereo headphone
driver, delivering Wolfson’s patented ambient noise cancellation.
The WM2002 supports analogue playback or voice input, and
analogue microphones for noise cancellation.
Designed for incorporation within a stand-alone headset or
headphone, the Wolfson ANC noise cancellation engine
performs ambient noise cancellation during a voice call or during
music playback.
The
WM2002
provides
integrated
power
management,
comprising a DC-DC converter, Charge Pump and LDO
Regulators. Different power supply configurations can be
supported, including operation from a single cell AAA or AA
battery, and other configurations using externally regulated
supplies.
System clocking is achieved using a crystal-controlled on-chip
oscillator. An external clock can be connected directly, if
available.
The WM2002 is configured using programmable settings stored
in an integrated non-volatile memory. The configuration stored in
the OTP memory is enabled automatically at start-up. If
required, the WM2002 can also be configured using register
control accessed using a 2-wire serial control interface.
FEATURES
Wolfson Ambient Noise Cancellation (ANC)
-
>30dB (peak), 25dB (typical) ambient noise reduction*
-
Wide noise cancellation bandwidth (40Hz to 4kHz)*
-
* depending on acoustic configuration
-
Up to 3 banks of ANC coefficients can be programmed to
support different operating conditions
Audio inputs
-
Up to 10 analogue noise cancellation microphones
-
2 single-ended or 1 differential line input per channel
Headphone driver (LDO4VOUT = 1.8V)
-
45mW per channel into 16
 load
-
22mW per channel into 32
 load
-
Single-ended or differential (BTL) drive configuration
-
-82dB THD+N for differential (BTL) drive
Integration
-
On-chip DC-DC boost converter, charge-pump and LDOs
-
Flexible power supply options, including single cell battery
(1 x AAA battery)
-
Internal crystal oscillator
Miscellaneous
-
Monitor pin to select mute / talk-through modes
-
LED driver
-
Tone generator for audible status indication
-
Pop and click noise protection circuit
-
RFI suppression
-
48-pin QFN package (7 x 7 x 0.75mm, 0.5mm pitch)
APPLICATIONS
“Pod-style” stereo ear-buds, headsets, headphones with
ANC
“Supra-Aural” stereo headphones with ANC
Mono/Stereo Bluetooth headsets with ANC


Similar Part No. - WM2002

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
WM20 CARLOGAVAZZI-WM20 Datasheet
4Mb / 26P
Power analyzer for three-phase systems
More results

Similar Description - WM2002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
Class AB Stereo Headphone Driver with Mute
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
Stereo Headphone Driver with Mute
February 3, 2005
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
logo
Eutech Microelectronics...
EUA5544 EUTECH-EUA5544 Datasheet
215Kb / 10P
Class AB Stereo Headphone Driver with Shutdown
logo
Unisonic Technologies
3541 UTC-3541_12 Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Wolfson Microelectronic...
WM8351 WOLFSON-WM8351 Datasheet
3Mb / 330P
Wolfson AudioPlus??Stereo CODEC with Power Management
logo
Integrated Silicon Solu...
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com