Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4753 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4753
Description  Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4753 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4753 Datasheet HTML 4Page - National Semiconductor (TI) LM4753 Datasheet HTML 5Page - National Semiconductor (TI) LM4753 Datasheet HTML 6Page - National Semiconductor (TI) LM4753 Datasheet HTML 7Page - National Semiconductor (TI) LM4753 Datasheet HTML 8Page - National Semiconductor (TI) LM4753 Datasheet HTML 9Page - National Semiconductor (TI) LM4753 Datasheet HTML 10Page - National Semiconductor (TI) LM4753 Datasheet HTML 11Page - National Semiconductor (TI) LM4753 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Information (Continued)
If the sequence described above and shown in
Figure 4 is
not used, then the external circuitry shown in Figure 5 should
be used to minimize turn-on/off pops and protect the output
stage against SOA violations.
In
Figure 5 there are only a few components that are differ-
ent than the ones described earlier for lowpass filtering the
pin voltages. The new components are Q1, R2, R3, D1 and
D2. All of the other components will perform the same func-
tions that were previously described.
The explanation of how the circuit in
Figure 5 works will be
related to the timing waveforms in
Figure 6. The circuit in
Figure 5 protects the LM4753 from SOA violations by ensur-
ing that the enabling of the standby function when music is
playing will not quickly bring the biasing to ground before the
input signal is smoothly attenuated through the volume func-
tion. Again, this is important because any quick changes in
output current when driving an inductive load will cause a fly-
back voltage that may damage the IC.
As shown in
Figure 6, first notice that music is playing at the
output. When the mechanical standby switch is toggled from
ground (play mode) to 5V (standby mode), transistor Q1 is
quickly turned on, discharging capacitor C7, bringing the
voltage at the volume pin, pin 3, to ground. This quickly at-
tenuates the audio signal at the output as shown in
Figure 6.
While the input signal is being attenuated, the diode D1 be-
comes reverse biased and the voltage at the standby pin
starts to charge through R4, C8 and C9. There is also a finite
amount of current flowing through R5 as well, but because of
its high resistance, we can neglect it in the charge-up timing
of pin 9. Note that when the standby switch was grounded,
the diode D1 was clamping the standby pin low, setting the
initial voltage condition of C8 at a low voltage. Once C8
starts charging up, diode D2 becomes forward biased and
C9 also starts charging up. This brings the standby and mute
pin voltages up simultaneously. By the time the standby pin
voltage enables the standby function, the voltage at the vol-
ume pin will already have been ramped down to 0V and the
output signal will be close to 0V.
When the IC is in standby mode the biasing of the IC is
brought down to ground and the quiescent supply current is
around 7 mA. When the standby switch in
Figure 5 is toggled
DS100043-28
FIGURE 4. Turn-On/Off Sequence
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com