Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4753 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4753
Description  Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4753 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4753 Datasheet HTML 5Page - National Semiconductor (TI) LM4753 Datasheet HTML 6Page - National Semiconductor (TI) LM4753 Datasheet HTML 7Page - National Semiconductor (TI) LM4753 Datasheet HTML 8Page - National Semiconductor (TI) LM4753 Datasheet HTML 9Page - National Semiconductor (TI) LM4753 Datasheet HTML 10Page - National Semiconductor (TI) LM4753 Datasheet HTML 11Page - National Semiconductor (TI) LM4753 Datasheet HTML 12Page - National Semiconductor (TI) LM4753 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Information (Continued)
performance of the tantalum will be better. There should also
be large supply reservoir capacitors of about 4700 µF on
each supply rail. A larger reservoir capacitor will reduce the
supply ripple and will supply larger current burst require-
ments instead of requiring those large currents to come from
the main power supply transformer.
If adequate bypassing is not provided, the current in the sup-
ply leads, which is a rectified component of the load current,
may be fed back into internal circuitry. This signal may cause
signal distortion to increase.
Layout and Ground Loops
When designing a printed circuit board layout, it is important
to return the load ground, any output compensation ground,
and the low-level (feedback and input) grounds to the circuit
board common ground point through separate paths. Large
currents flowing along a ground conductor will generate volt-
ages which effectively act as signals to the input ground ref-
erence. This can result in high frequency oscillation or ex-
cessive distortion. Output compensation components and
the high frequency supply bypass capacitors should be
placed as close as possible to the IC to reduce the effects of
PCB trace resistance and inductance. For cases where long
traces must exist, widen the traces to minimize their induc-
tance.
References
International Electronic Research Corporation
P.O. Box 7704,
Burbank, California 91510-7704,
(818) 842-7277
Thermalloy Inc.
P.O. Box 810839,
Dallas, Tx 75381-0839,
(214) 243-4321,
www.thermalloy.com
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com