Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4753 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4753
Description  Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4753 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4753 Datasheet HTML 5Page - National Semiconductor (TI) LM4753 Datasheet HTML 6Page - National Semiconductor (TI) LM4753 Datasheet HTML 7Page - National Semiconductor (TI) LM4753 Datasheet HTML 8Page - National Semiconductor (TI) LM4753 Datasheet HTML 9Page - National Semiconductor (TI) LM4753 Datasheet HTML 10Page - National Semiconductor (TI) LM4753 Datasheet HTML 11Page - National Semiconductor (TI) LM4753 Datasheet HTML 12Page - National Semiconductor (TI) LM4753 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Information (Continued)
to ground for play mode, transistor Q1 is quickly cut off and
diode D1 is forward biased. When D1 is forward biased, ca-
pacitor C8 is quickly discharged to ground, bringing the
standby pin voltage to 0V. When C8 is discharged, diode D2
becomes reverse biased allowing capacitor C9 to discharge
to ground through R5. Diode D2 was clamping the voltage
on C9 to the same voltage as C8. Because R5 is 10 times
R4 it takes longer for the mute function to be disabled. While
the mute voltage is decreasing, the biasing of the amplifier is
charging up, since the standby function has already been
disabled. While the mute pin voltage is decreasing the vol-
ume pin voltage is slowly increasing through the charge-up
capacitor C7. Charging of the volume pin is from the 5V
through the volume control pot, R6 and C7. Notice that the
time constant of the volume pin charging is greater than the
mute pin discharging. As shown in
Figure 6, the volume con-
trol function finally ramps up the input signal, allowing music
to be amplified at the output.
Please notice that with this circuit the standby switch will
override the mute switch as required in the IC’s functional
truth table in
Table 1.
Also note once again that most systems typically utilize a mi-
croprocessor or COP microcontroller to interface with the
logic control functions of the LM4753. When a clean logic
signal is used, as from a microcontroller, RC lowpass filtering
is not required for the mute and standby functions.
DS100043-29
FIGURE 5. Turn-On/Off External Circuitry
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com