Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4753 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4753
Description  Dual 10W Audio Power Amplifier w/Mute, Standby and Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4753 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4753 Datasheet HTML 1Page - National Semiconductor (TI) LM4753 Datasheet HTML 2Page - National Semiconductor (TI) LM4753 Datasheet HTML 3Page - National Semiconductor (TI) LM4753 Datasheet HTML 4Page - National Semiconductor (TI) LM4753 Datasheet HTML 5Page - National Semiconductor (TI) LM4753 Datasheet HTML 6Page - National Semiconductor (TI) LM4753 Datasheet HTML 7Page - National Semiconductor (TI) LM4753 Datasheet HTML 8Page - National Semiconductor (TI) LM4753 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM4753
Dual 10W Audio Power Amplifier w/Mute, Standby and
Volume Control
General Description
The LM4753 is a stereo audio amplifier capable of delivering
10W/channel at 10% distortion into a 8
Ω load. The power
amp has an internally set gain of 30 dB. A 0V–5V DC con-
trolled volume block provides 80 dB of attenuation from input
to line-out. Line outputs are available after the volume con-
trol for signal routing.
The amplifier has a smooth transition fade-in/out mute and a
power conserving standby function which are controlled
through TTL or CMOS logic. Both functions provide over
75 dB of attenuation.
The LM4753 maintains an excellent Signal-to-Noise ratio of
greater than 70 dB with a low noise floor less than 2 mV. The
IC also maintains above 50 dB of channel separation.
The LM4753 is available in a 15-lead non-isolated plastic
package and is designed for use in TV applications requiring
single supply operation.
Key Specifications
n Output power into 8
Ω at 10% THD 10W
n Maximum operating voltage
28V
n Power output stage Noise floor
2 mV
n Line output Noise floor
55 µV
n 0V–5V DC controlled volume attenuation
80 dB
n Mute attenuation
75 dB
n Standby-mode supply current
7 mA
Features
n Quiet fade-in/out mute function
n Stereo variable line-out pins
n AC output short circuit protection
n Thermal shutdown protection
Applications
n Stereo TVs
n Component stereo
n Compact stereo
Typical Application
DS100043-1
FIGURE 1. Typical Audio Amplifier Application Circuit
June 1999
© 1999 National Semiconductor Corporation
DS100043
www.national.com


Similar Part No. - LM4753

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4752 TI2-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
REVISED APRIL 2013
logo
National Semiconductor ...
LM4752T NSC-LM4752T Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
More results

Similar Description - LM4753

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com