Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903GS Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC5903GS
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903GS Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC5903GS Datasheet HTML 6Page - IXYS Corporation CPC5903GS Datasheet HTML 7Page - IXYS Corporation CPC5903GS Datasheet HTML 8Page - IXYS Corporation CPC5903GS Datasheet HTML 9Page - IXYS Corporation CPC5903GS Datasheet HTML 10Page - IXYS Corporation CPC5903GS Datasheet HTML 11Page - IXYS Corporation CPC5903GS Datasheet HTML 12Page - IXYS Corporation CPC5903GS Datasheet HTML 13Page - IXYS Corporation CPC5903GS Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
10
www.ixysic.com
R02
Thus normal-width pulses of width tPULSE applied at
IOB exhibit a stretched pulse width of:
tPWB_nom = tPULSE + tFIL + tOPLH_BA + tSLEWA + tOPLH_AB
at IOB, which is also given by:
tPWB_nom = tPULSE + tPHL_BAB
and is typically tPULSE + 290ns.
Side A receivers have been designed to exhibit a
significant amount of hysteresis, which helps to
eliminate false clocking. They have not been internally
low-pass filtered beyond the filtering inherent within
the optical channel. When the I2C bus is terminated
for maximum bandwidth (6mA pullups and minimal
capacitance), the receivers typically will respond to
pulses greater than 12ns. If additional filtering is
desired, then externally increasing the load
capacitance of the I2C lines, until the amount of time
the offending signal spends above/below VDD /2 is
less than 10ns, will reject the signal at the expense of
increasing rise and fall times.
The Side B receiver does implement some hysteresis
and low-pass filtering in addition to the optics. An
asserted pulse typically needs to be held below
0.2VDD for 15ns before it is accepted at the Side B
input. This may require a 30ns pulse applied by a
typical driver with just 20pF loading the I2C lines.
While any very short pulse stretched to the minimum
time above would seem to cause a large amount of
pulse width distortion, within 400kHz Fast-mode I2C,
the shortest allowable signal or clock asserted low
time is 1.3
s. Neither Standard-mode nor Fast-mode
variants include any legal signals that are less than
80ns (typ); thus the tPWA_nom and tPWB_nom equations
above always apply. The pulse width on valid longer
pulses receives less stretching and is proportionally
less noticeable. For example the Fast-mode minimum
clock low time of 1.3
S when applied at Side B would
typically be seen as a 1.375
S pulse at Side A and will
be stretched to a length of 1.59
s for other devices on
the Side B bus.
Internal filtering and the flip-flop at IOB are used to
ensure that an equal number of pulse edges are seen
at both sides of the isolation barrier when Side B is
driven. When a signal at IOB is asserted low, the
flip-flop self-drives the IOB pin until the optical channel
back from Side A proves that Side A has successfully
been asserted. While this is generally a welcome error
reduction feature and is especially useful on the side
with nonstandard levels, it does need to be considered
when assigning Side A and Side B ports. If Side A is
not powered up, then the signal back from Side A will
not appear until after Side A has been powered, and
the signal at Side B will be stretched until that time.
Side A uses filtered hysteresis at its standard inputs,
not pulse stretching, to defeat sub-minimum-size
pulses. Thus that side of the isolation barrier, which
will be the bus master at power-up, should be
assigned to Side A.
3.6 Start-Up
Upon startup and with loss of VDDx, internal circuitry
place the outputs in the deasserted Hi-Z state.
3.7 Power Supply Decoupling and Noise
There are no special power supply decoupling
requirements for the CPC5903. Additionally, because
the CPC5903 uses optical coupling to transfer clock
and data across the barrier there are no internal
clocking circuits requiring special layout or noise
reduction techniques to maintain EMI and RFI
compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com