Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903GS Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC5903GS
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903GS Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC5903GS Datasheet HTML 7Page - IXYS Corporation CPC5903GS Datasheet HTML 8Page - IXYS Corporation CPC5903GS Datasheet HTML 9Page - IXYS Corporation CPC5903GS Datasheet HTML 10Page - IXYS Corporation CPC5903GS Datasheet HTML 11Page - IXYS Corporation CPC5903GS Datasheet HTML 12Page - IXYS Corporation CPC5903GS Datasheet HTML 13Page - IXYS Corporation CPC5903GS Datasheet HTML 14Page - IXYS Corporation CPC5903GS Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
R02
www.ixysic.com
11
4
Design Considerations
The minimum value of the pull-up resistor, RPU, on the
I2C bus is chosen based upon the expected VDD
supply voltage range and the weakest load current
sinking device on the bus. Note: Systems that do not
need maximum bandwidth and busses with lower
capacitive loading can use a higher value for the
pull-up resistor to reduce power consumption.
4.1 Side A Pull-Up Resistors: RPUA
The weakest I2C compliant device on the Side A bus,
with RPUA to VDDA, must be able to pull the Side A
inputs below 0.4V for outputs rated at 3mA or 0.6V for
outputs rated at 6mA when VDDA is at its maximum.
For example, if the weakest device is only guaranteed
to sink 3mA then the maximum allowed logic low
output voltage will be 0.4V. For designs with
VDDA_max = 3.6V, the minimum voltage across the
pull-up resistor is:
Minimum RPUA Voltage = 3.6 - 0.4 = 3.2V
For the I2C minimum current sink requirement of 3mA,
the minimum value of the pull-up resistor is easily
calculated as:
RPUA_min = 3.2V / 3mA = 1066.7
Chose a standard value resistor that will not violate
this minimum value over tolerance and temperature,
such as a 1.1k
, 1% tolerance, 100ppm/C
temperature coefficient resistor.
If all the non-CPC5903 devices on the Side A bus are
Fast-mode compliant (400pF capacitive loading
capable) with the required 6mA current sink capability,
then the bus can be configured for Fast-mode.
Resistor selection for Fast-mode is similar to the
example given above but because the logic low output
level is greater (0.6V) then the voltage across the
pull-up resistor will be less. Calculation of the
compliant Fast-mode bus minimum pull-up resistor
value is given by:
RPUA_min = (3.6 - 0.6)V / 6mA = 500
The minimum E96 standard value 1% tolerance,
100ppm/
C temperature coefficient resistor is 511.
4.2 Side B Pull-Up Resistors
Calculating the pull-up resistor for Side B is similar to
the process used for Side A but with some additional
considerations.
Before proceeding, it must be pointed out that Side B
of the CPC5903 is Fast-mode compliant with
VDDB 4.5V. This means the CPC5903 Side B
outputs are 6mA capable, allowing bus operation of
400kb/s with up to 400pF of capacitive loading. For
VDDB supply levels below 4.5V the CPC5903 outputs
are only rated for 3mA, but can be operated at
Fast-mode speeds of 400kb/s whenever the bus
capacitive loading CLOAD  200pF. Greater capacitive
loading of the Side B bus limits the CPC5903 to data
rates of 100kb/s.
First, it must be determined if the Side B bus will be
configured for 3mA or 6mA operation. This is done by
evaluating the external (non-CPC5903) devices on the
Side B bus and the operational capabilities of the
CPC5903. There are three possibilities:
1) One or more of the external devices is limited to
3mA of output current sink.
2) All of the external devices are rated at 6mA of
output current sink and the Side B minimum supply
voltage VDDB 4.5V.
3) All of the external devices are rated at 6mA of
output current sink and the Side B minimum supply
voltage VDDB 4.5V.
For conditions 1 and 2 above the bus must be
configured for 3mA. Condition 3 is the only situation
where the bus can be configured for 6mA, a
Fast-mode requirement when capacitive bus loading is
an issue.
4.2.1 OB Pull-Up resistor: RPU-OB
Selecting the pull-up resistor for the OB bus is based
upon the manner in which the bus is expected to
operate within the restrictions listed above. Although
the additional design considerations discussed below
for selecting the IOB pull-up resistor, RPUB , are not
applicable to the OB pull-up resistor, the Side B
pull-up resistors should have the same value to
minimize skew between the clock and data. Therefore,
setting RPU-OB =RPUB is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com