Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5903GS Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC5903GS
Description  Bidirectionally Buffers I2C SDA Signal
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5903GS Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC5903GS Datasheet HTML 7Page - IXYS Corporation CPC5903GS Datasheet HTML 8Page - IXYS Corporation CPC5903GS Datasheet HTML 9Page - IXYS Corporation CPC5903GS Datasheet HTML 10Page - IXYS Corporation CPC5903GS Datasheet HTML 11Page - IXYS Corporation CPC5903GS Datasheet HTML 12Page - IXYS Corporation CPC5903GS Datasheet HTML 13Page - IXYS Corporation CPC5903GS Datasheet HTML 14Page - IXYS Corporation CPC5903GS Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5903
12
www.ixysic.com
R02
4.2.2 IOB Pull-Up Resistor: RPUB
For the bidirectional buffer, it is necessary to configure
the IOB bus to be compatible with the CPC5903’s
lower logic low input threshold:
VILB = 0.2 • VDDB - 60mV
As discussed earlier, this lower input threshold
requirement is to ensure the CPC5903 can drive a
logic low output that is recognized by the other I2C
devices on the bus, but will not accept it’s own logic
low output. This prevents latching of the CPC5903.
Additionally, this implies there can be no more than
one limited drive (Side B) CPC5903 interface on the
IOB bus, and that all other devices on the bus must
have VIL =0.3 • VDDB logic low input thresholds.
Because the CPC5903 Side A inputs are compatible
with this requirement, any number of CPC5903 Side A
devices may be connected to the Side B bus.
For all modes, the minimum required voltage drop
across the IOB pull-up resistor at VDDB_max by the
external non-CPC5903 I2C bus drivers is:
Minimum RPUB Voltage = VDDB_max - (0.2 • VDDB_max - 60mV)
= 0.8 • VDDB_max + 60mV
which gives the calculation for the minimum value of
the pull-up resistor as:
RPUB_min = (0.8 • VDDB_max + 60mV) / IOL
where IOL is the guaranteed logic low drive current of
the non-CPC5903 bus drivers.
For Standard-mode designs, with output drivers rated
at 3mA and a maximum supply voltage of 3.6V, the
minimum value of the pull-up resistor is:
RPUB_min = (0.8 • 3.6 + 60mV) / 3mA = 980
The minimal standard value 1% resistor with a
100ppm/
C temperature coefficient that will not go
below the calculated minimum due to tolerance and
temperature is 1k
.
In Fast-mode designs with 6mA capable output drivers
and a supply voltage maximum of 5.5V, the minimum
Fast-mode pull-up resistor value is calculated to be:
RPUB_min = (0.8 • 5.5 + 60mV) / 6mA = 743.3
For a Fast-mode design with high capacitive bus
loading, a 768
, 1%, 100ppm/C resistor would
suffice. When the bus does not have a heavy
capacitive load, a larger value pull-up resistor can be
used thereby reducing overall power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com